Electronic Components Datasheet Search |
|
R5F64207JFB Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
R5F64207JFB Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 103 page R01DS0069EJ0120 Rev.1.20 Page 2 of 97 Jan 27, 2012 R32C/120 Group 1. Overview 1.1.2 Performance Overview Tables 1.1 and 1.2 show the performance overview of the R32C/120 Group. Notes: 1. Contact a Renesas Electronics sales office to use the non-E2dataFlash version. 2. Contact a Renesas Electronics sales office to use the optional features. Table 1.1 Performance Overview (1/2) Unit Function Explanation CPU Central processing unit R32C/100 Series CPU Core • Basic instructions: 108 • Minimum instruction execution time: 15.625 ns (f(CPU) = 64 MHz) • Multiplier: 32-bit × 32-bit 64-bit • Multiply-accumulate unit: 32-bit × 32-bit + 64-bit 64-bit • IEEE-754 compatible FPU: Single precision • 32-bit barrel shifter • Operating mode: Single-chip mode Memory Flash memory: 128/256 Kbytes RAM: 12/20 Kbytes Data flash: 4 Kbytes × 2 blocks E2dataFlash: none (1)/4 Kbytes Refer to Table 1.3 for details Voltage Detector Low voltage detector Optional (2) Low voltage detection interrupt Clock Clock generator • 4 circuits (main clock, sub clock, PLL, on-chip oscillator) • Oscillation stop detector: Main clock oscillator stop/restart detection • Frequency divide circuit: Divide-by-2 to divide-by-24 selectable • Low power modes: Wait mode, stop mode Interrupts Interrupt vectors: 261 External interrupt inputs: NMI, INT × 6, key input × 4 Interrupt priority levels: 7 Watchdog Timer 15 bits × 1 (selectable input frequency from prescaler output) Automatic timer start function is available DMA DMAC 4 channels • Cycle-steal transfer mode • Request sources: 44 • 2 transfer modes: Single transfer, repeat transfer DMAC II • Can be activated by any peripheral interrupt source • 3 characteristic transfer functions: Immediate data transfer, calculation result transfer, chain transfer I/O Ports Programmable I/O ports • 2 input-only ports • 84 CMOS I/O ports • A pull-up resistor is selectable for every 4 input ports |
Similar Part No. - R5F64207JFB |
|
Similar Description - R5F64207JFB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |