Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1QJA3618CB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1QJA3618CB
Description  36-Mbit DDRII SRAM 2-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QJA3618CB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1QJA3618CB Datasheet HTML 3Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 4Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 5Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 6Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 7Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 8Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 9Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 10Page - Renesas Technology Corp R1QJA3618CB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
PAGE : 7
Rev. 0.10b : 2012.03.12
R1QHA36**C / R1QLA36**C Series
1
ODT control: When low;
[Option 1] Low range mode is selected. The impedance range is
between 52
and 105
(Thevenin equivalent), which follows 0.3
RQ
for 175
RQ
350
.
[Option 2] ODT is disabled.
When high; High range mode is selected. The impedance range is
between 105
and 150
(Thevenin equivalent), which follows 0.6
RQ
for 175
RQ
250
.
When floating; [Option 1] High range mode is selected.
[Option 2] ODT is disabled.
Input
ODT
(II+ only)
Output impedance matching input: This input is used to tune the device
outputs to the system data bus impedance. DQ and CQ output
impedance are set to 0.2
RQ, where RQ is a resistor from this ball to
ground. This ball can be connected directly to V
DDQ, which enables the
minimum impedance mode. This ball cannot be connected directly to
V
SS or left unconnected.
In ODT (On Die Termination) enable devices, the ODT termination
values tracks the value of RQ. The ODT range is selected by ODT
control input.
Input
ZQ
Valid output indicator: The Q Valid indicates valid output data. QVLD is
edge aligned with CQ and /CQ.
Output
QVLD
(II+ only)
No connect: These pins can be left floating or connected to 0V
V
DDQ.
NC
Notes:
1. Renesas status: Option 1 = Available, Option 2 = Possible.
2. All power supply and ground balls must be connected for proper operation of the device.
2
2
2
Notes
HSTL input reference voltage: Nominally V
DDQ/2, but may be adjusted to
improve system noise margin. Provides a reference voltage for the
HSTL input buffers.
V
REF
Power supply: Ground.
Supply
V
SS
Power supply: Isolated output buffer supply. Nominally 1.5 V. See DC
Characteristics and Operating Conditions for range.
Supply
V
DDQ
Power supply: 1.8 V nominal. See DC Characteristics and Operating
Conditions for range.
Supply
V
DD
IEEE 1149.1 test output: 1.8 V I/O level.
Output
TDO
Synchronous echo clock outputs: The edges of these outputs are tightly
matched to the synchronous data outputs and can be used as a data
valid indication. These signals run freely and do not stop when DQ tri-
states.
Output
CQ, /CQ
Synchronous data I/Os: Input data must meet setup and hold times
around the rising edges of K and /K. Output data is synchronized to the
respective C and /C, or to the respective K and /K if C and /C are tied
high.
The 9 device uses DQ0~DQ8.
DQ9~DQ35 should be treated as NC pin.
The 18 device uses DQ0~DQ17.
DQ18~DQ35 should be treated as NC pin.
The 36 device uses DQ0~DQ35.
Input
/
output
DQ
0 to
DQ
n
Descriptions
I/O type
Name
R10DS0196EJ0010


Similar Part No. - R1QJA3618CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QJA3618CB RENESAS-R1QJA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QJA3618CB RENESAS-R1QJA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QJA3618CB RENESAS-R1QJA3618CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QJA3618CB RENESAS-R1QJA3618CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QJA3618CB RENESAS-R1QJA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QJA3618CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A3636B RENESAS-R1Q4A3636B Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBG RENESAS-R1QBA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBG RENESAS-R1QHA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBB RENESAS-R1QBA3636CBB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBB RENESAS-R1QBA3636CBB_15 Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBB RENESAS-R1QHA3636CBB_15 Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com