Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1QLA7236AB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1QLA7236AB
Description  72-Mbit DDRII SRAM 2-word Burst
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QLA7236AB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1QLA7236AB Datasheet HTML 5Page - Renesas Technology Corp R1QLA7236AB Datasheet HTML 6Page - Renesas Technology Corp R1QLA7236AB Datasheet HTML 7Page - Renesas Technology Corp R1QLA7236AB Datasheet HTML 8Page - Renesas Technology Corp R1QLA7236AB Datasheet HTML 9Page - Renesas Technology Corp R1QLA7236AB Datasheet HTML 10Page - Renesas Technology Corp R1QLA7236AB Datasheet HTML 11Page - Renesas Technology Corp R1QLA7236AB Datasheet HTML 12Page - Renesas Technology Corp R1QLA7236AB Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
R1QHA72 / R1QLA72 Series
Rev. 0.11 : 2013.01.15
PAGE:9
hinS=11111.1111.1111.1111.1111---
11111.1111.1111.1111.1111---00000.0000.0000.0000.0000---
72M_36M
Status
Power Up &
Unstable Stage
NOP &
Set-up Stage
Normal
Operation
V
DD
SET-UP Cycle
V
DDQ
V
REF
/DOFF
2. Double clock mode
K, /K
Fix High (=Vddq)
C, /C
Status
Power Up &
Unstable Stage
NOP &
Set-up Stage
Normal
Operation
V
DD
SET-UP Cycle
V
DDQ
V
REF
/DOFF
1. Single clock mode (C and /C pins fixed High)
K, /K
Fix High (=Vddq)
General Description
Power-up and Initialization Sequence
-V
DD must be stable before K, /K clocks are applied.
- Recommended voltage application sequence : V
SS
V
DD
V
DDQ & VREF
V
IN. (0 V to VDD, VDDQ < 200 ms)
- Apply V
REF after VDDQ or at the same time as VDDQ.
- Then execute either one of the following three sequences.
1. Single Clock Mode (C and /C tied high)
- Drive /DOFF high (/DOFF can be tied high from the start).
- Then provide stable clocks (K, /K) for at least 1024 cycles (II series) or 20 us (II+ series).
These meet the QDR common specification of 20 us.
When the operating frequency is less than 180 MHz, 2048 cycles are required (II series).
2. Double Clock Mode (C and /C control outputs) (II series only)
- Drive /DOFF high (/DOFF can be tied high from the start)
- Then provide stable clocks (K, /K , C, /C) for at least 1024 cycles (II series).
This meets the QDR common specification of 20 us.
When the operating frequency is less than 180 MHz, 2048 cycles are required (II series).
3. DLL/PLL Off Mode (/DOFF tied low)
- In the "NOP and setup stage", provide stable clocks (K, /K) for at least 1024 cycles (II series) or 20 us (II+
series). These meet the QDR common specification of 20 us.
R10DS0173EJ0011


Similar Part No. - R1QLA7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QLA7236AB RENESAS-R1QLA7236AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1QLA7236AB RENESAS-R1QLA7236AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1QLA7236AB RENESAS-R1QLA7236AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QLA7236AB RENESAS-R1QLA7236AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QLA7236AB RENESAS-R1QLA7236AB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QLA7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABG RENESAS-R1Q4A7236ABG Datasheet
840Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
R1QBA7236ABG RENESAS-R1QBA7236ABG Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABB RENESAS-R1QHA7236ABB_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
R1Q6A7236ABG RENESAS-R1Q6A7236ABG Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com