Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0805562MFNEH Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCW0805562MFNEH
Description  Standard Thick Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0805562MFNEH Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCW0805562MFNEH Datasheet HTML 1Page - Vishay Siliconix CRCW0805562MFNEH Datasheet HTML 2Page - Vishay Siliconix CRCW0805562MFNEH Datasheet HTML 3Page - Vishay Siliconix CRCW0805562MFNEH Datasheet HTML 4Page - Vishay Siliconix CRCW0805562MFNEH Datasheet HTML 5Page - Vishay Siliconix CRCW0805562MFNEH Datasheet HTML 6Page - Vishay Siliconix CRCW0805562MFNEH Datasheet HTML 7Page - Vishay Siliconix CRCW0805562MFNEH Datasheet HTML 8Page - Vishay Siliconix CRCW0805562MFNEH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 20035
For technical questions, contact: thickfilmchip@vishay.com
www.vishay.com
Revision: 04-Jun-12
125
D/CRCW e3
Vishay
Standard Thick Film Chip Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FEATURES
 Stability R/R = 1 % for 1000 h at 70 ° C
 2 mm pitch packaging option for 0603 size
 Pure tin solder contacts on Ni barrier layer
provides compatibility with lead (Pb)-free and lead
containing soldering processes
 Metal glaze on high quality ceramic
 AEC-Q200 qualified
 Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
 These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
 Marking: See data sheet “Surface Mount Resistor Marking” (document number 20020).
 Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RATED
DISSIPATION
P70 °C
W
LIMITING
ELEMENT
VOLTAGE
Umax. AC/DC
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
SERIES
INCH
METRIC
D10/CRCW0402
0402
RR 1005M
0.063
50
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 1.5 A
D11/CRCW0603
0603
RR 1608M
0.10
75
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 2.0 A
D12/CRCW0805
0805
RR 2012M
0.125
150
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 2.5 A
D25/CRCW1206
1206
RR 3216M
0.25
200
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 3.5 A
CRCW1210
1210
RR 3225M
0.5
200
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 5.0 A
CRCW1218
1218
RR 3246M
1.0
200
± 100
± 200
± 1
± 5
1R0 to 2M2
E24; E96
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 7.0 A
CRCW2010
2010
RR 5025M
0.75
400
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 6.0 A
CRCW2512
2512
RR 6332M
1.0
500
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 7.0 A


Similar Part No. - CRCW0805562MFNEH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0805562MFKTA VISHAY-CRCW0805562MFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - CRCW0805562MFNEH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW12062K00JNEA VISHAY-CRCW12062K00JNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
Vicor Corporation
CRCW120647K0FKEA VICOR-CRCW120647K0FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
CRCW040249R9FKED VISHAY-CRCW040249R9FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW1206100RFKEA VISHAY-CRCW1206100RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW06031K74FKEA VISHAY-CRCW06031K74FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW04021K80FKED VISHAY-CRCW04021K80FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW251210R0FKEG VISHAY-CRCW251210R0FKEG Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW080549K9FKEA VISHAY-CRCW080549K9FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805200RFKEA VISHAY-CRCW0805200RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW040247K0JNED VISHAY-CRCW040247K0JNED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805100MJPEAHR VISHAY-CRCW0805100MJPEAHR Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com