Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ0EC1H121 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECJ0EC1H121
Description  Multilayer Ceramic Capacitors (For General Electronic Equipment)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ0EC1H121 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECJ0EC1H121 Datasheet HTML 1Page - Panasonic Semiconductor ECJ0EC1H121 Datasheet HTML 2Page - Panasonic Semiconductor ECJ0EC1H121 Datasheet HTML 3Page - Panasonic Semiconductor ECJ0EC1H121 Datasheet HTML 4Page - Panasonic Semiconductor ECJ0EC1H121 Datasheet HTML 5Page - Panasonic Semiconductor ECJ0EC1H121 Datasheet HTML 6Page - Panasonic Semiconductor ECJ0EC1H121 Datasheet HTML 7Page - Panasonic Semiconductor ECJ0EC1H121 Datasheet HTML 8Page - Panasonic Semiconductor ECJ0EC1H121 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
– EC11 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
20
45
±245±2
Unit : mm
R340
Item
Specification
Test Method
Class 1
Class 2
Bending
Strength
Appearance:
No mechanical damage
Capacitance change:
Within ±5 % or ±0.5 pF
whichever is larger.
Appearance:
No mechanical damage
Capacitance change:
Temp. Char.
B, X7R, X5R : within ±12.5 %
F ,Y5V
: within ±30 %
Bending value:1 mm
Bending speed:1 mm/
Vibration
Proof
Appearance: No mechanical damage.
Capacitance: within the specified tolerance
Q, tan
δ: Initial standard value
Total amplitude : 1.5 mm
Vibration frequency : 10 to 55 to 10 Hz
for 1 min.
3 perpendicular directions for 2 hours
each, a total of 6 hours
Resistance
to Soldering
Heat
Appearance:
No mechanical damage
Capacitance change:
Within ±2.5 % or ±0.25 pF
whichever is larger.
Q.tan
δ:Initial standard value
IR:Initial standard value
Withstand voltage:
No dielectric breakdown
and/or damage
Appearance:
No mechanical damage
Capacitance change:
Temp. Char.
B, X7R, X5R : within ±7.5 %
F, Y5V
: within ±20 %
tan
δ:Initial standard value
IR:Initial standard value
Withstand voltage:
No dielectric breakdown
and/or damage
Soldering bath method
Preconditioning:Heat treatment/Class 2
(
✽1)
Solder temperature:270±5 °C
Dipping period:3.0±0.5 s
Preheat condition:
Order
Temp. (°C) Size 0805 max.
180 to 100
120 to 180 s
2150 to 200
120 to 180 s
Recovery (Standard condition):
Class 1:24±2 h
Class 2:48±4 h
Solderability
More than 95 % of the soldered area of both terminal
electrodes should be covered with fresh solder.
Soldering bath method
Solder temperature:230±5 °C
Dipping period:4±1 s
Solder:H63A (JIS Z 3282)
Temperature
Cycle
Appearance:
No mechanical damage
Capacitance change:
Within ±2.5 % or ±0.25 pF
whichever is larger.
Q.tan
δ:Initial standard value
IR:Initial standard value
Withstand voltage:
No dielectric breakdown
and/or damage
Appearance:
No mechanical damage
Capacitance change:
Temp. Char.
B, X7R, X5R : within ±7.5 %
F, Y5V
: within ±20 %
tan
δ:Initial standard value
IR:Initial standard value
Withstand voltage:
No dielectric breakdown
and/or damage
Preconditioning:Heat treatment
(150 °C, 1h) /Class 2
Condition of one cycle
Step 1:Minimum operationing temp.
30±3 min
Step 2:Room temp.
3 min max.
Step 3:Maximum operationing temp.
30±3 min
Step 4:Room temp.
3 min max.
Number of cycles:5 cycles
Recovery (Standard condition)
Class 1:24±2 h
Class 2:48±4 h
Damp Heat
(Steady state)
Appearance:
No mechanical damage
Capacitance change:
Within ±5 % or ±0.5 pF
whichever is larger.
Q:
C<10 pF:Q
>200+10C
10 pF
<C<30 pF:Q>275+5C/2
30 pF
<C<1000 pF:Q>350
tan
δ:
C>1000 pF:tan
δ<0.004
C:Nominal capacitance in pF
IR:
1000 M
or 50/C (M )
Whichever is less.
C:Nominal capacitance in µF
Appearance:
No mechanical damage
Capacitance change:
Temp. Char.
B, X7R, X5R: Within ±20 %
F, Y5V: Within ±30 %
tan
δ:
Temp. Char.
B, X7R, X5R: 0.25 max.
F, Y5V: 0.3 max.
IR:
1000 M
or 50/C (M )
Whichever is less.
Note:10/C (M ) min. for DC 10 V max.
C:Nominal capacitance in µF
Please see the technical
specifications for details.
Preconditioning:Heat treatment/Class 2
(
✽1)
Temperature:40±2 °C
Relative humidity:90 to 95 %
Test period:500+24/0 h
Recovery (Standard condition)
Class 1:24±2 h
Class 2:48±4 h
(
✽1) Heat treatment: 1 h of heat treatment at 150 +0/-10 °C followed by 48±4 h recovery under standard conditions.
Sep. 2008
00


Similar Part No. - ECJ0EC1H121

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ0EC1H121 PANASONIC-ECJ0EC1H121 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ0EC1H121 PANASONIC-ECJ0EC1H121 Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ0EC1H121 PANASONIC-ECJ0EC1H121 Datasheet
855Kb / 12P
   Multilayer Ceramic Capacitors For General Electronic Equipment
ECJ0EC1H121 PANASONIC-ECJ0EC1H121 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ0EC1H121 PANASONIC-ECJ0EC1H121 Datasheet
860Kb / 12P
   Multilayer Ceramic Capcaitors For General Usage
More results

Similar Description - ECJ0EC1H121

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-1VB1C103K PANASONIC-ECJ-1VB1C103K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EB1E103K PANASONIC-ECJ-0EB1E103K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEC1C680 PANASONIC-ECJZEC1C680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VB1E104K PANASONIC-ECJ-2VB1E104K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-1VB1A474K PANASONIC-ECJ-1VB1A474K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-1VB1H822K PANASONIC-ECJ-1VB1H822K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VB1H333K PANASONIC-ECJ-2VB1H333K Datasheet
877Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VC1H471J PANASONIC-ECJ-2VC1H471J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EC1H100D PANASONIC-ECJ-0EC1H100D Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EB1C683K PANASONIC-ECJ-0EB1C683K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com