Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM2412BS-FLW-XFW Datasheet(PDF) 5 Page - AZ Displays

Part # ATM2412BS-FLW-XFW
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM2412BS-FLW-XFW Datasheet(HTML) 5 Page - AZ Displays

  ATM2412BS-FLW-XFW Datasheet HTML 1Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 2Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 3Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 4Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 5Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 6Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 7Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 8Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ATM2412BS SERIES TFT GRAPHIC MODULE VER1.1
AZ DISPLAYS
4
3.2 The Characteristics Of LED Backlight
3.2.1 Electrical-Optical Characteristics Of LED Backlight
(Ta=25ºC)
Item
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage(1)(5)
Vf
--
3
5
5.5
V
Forward Current(5)
If
Vf = 5V
--
206
--
mA
Luminance(3)
Lv
Vf = 5V
200
250
--
cd/㎡
Uniformity(2)
Δ
(Lvmin/Lvmax)%
70%
75%
--
-
Chroma coordinate
x
Vf = 5V
0.26
--
0.36
-
y
0.28
--
0.38
-
Lifetime(4)
-
Vf = 5V
-
20000
-
Hours
NOTE:
(1) Forward voltage means voltage applied to Pin21 & Pin22
(2)The luminance is the average value of 5 points,The measurement instrument is BM-7 luminance
colorimeter.The diameter of aperture is Φ5mm
(3) Luminance when LCM displaying white color.
(4) Backlight lifetime means luminance value larger than half of the original after 20000 hours’ continuous
working.
(5) Input current of Pin 21 might change because the voltage of PIN21 will affect the efficiency of backlight
driving circuit, but current for LEDs will keep constant within the range of input voltage.
3.2.2 Backlight Control Circuit For LCM(2x6=12 pcs LED)
2 2 :0 V
B L D R IV IN G
CIRCU IT
P IN 22 is c onnec te d to P IN 2 (V S S ) in te rn a lly
2 1 :+ 3 V ~ 5 .5 V IN
3.2.3 LED Characteristics Curves(for single led)
1.Forward current VS.Ambient Temperature
25
20
15
10
-30
5
0
100
Ambient Temperature
25
050
80
45
30
3
2
15
20
0
5
10
Forward Voltage
25
2.Forward current VS Forward Voltage


Similar Part No. - ATM2412BS-FLW-XFW

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM2412B AZDISPLAYS-ATM2412B Datasheet
239Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FL-YFW AZDISPLAYS-ATM2412B-FL-YFW Datasheet
239Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FL-YFW-M AZDISPLAYS-ATM2412B-FL-YFW-M Datasheet
239Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FLW-FFW AZDISPLAYS-ATM2412B-FLW-FFW Datasheet
239Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FLW-FFW-M AZDISPLAYS-ATM2412B-FLW-FFW-M Datasheet
239Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM2412BS-FLW-XFW

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com