Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM2412BS-FLW-XFW Datasheet(PDF) 8 Page - AZ Displays

Part # ATM2412BS-FLW-XFW
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM2412BS-FLW-XFW Datasheet(HTML) 8 Page - AZ Displays

Back Button ATM2412BS-FLW-XFW Datasheet HTML 4Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 5Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 6Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 7Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 8Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 9Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 10Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 11Page - AZ Displays ATM2412BS-FLW-XFW Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ATM2412BS SERIES TFT GRAPHIC MODULE VER1.1
AZ DISPLAYS
7
6.0 PIN ASSIGNMENT
Pin No.
Symbol
Function
I/O
1
FGND
Frame Ground, connected to VSS
via a 1M ohms resistor internally
P
2
VSS
Power ground
P
3
VDD
5V/3.3V
P, Refer to P/N description
4
SI
SPI data
I
5
SCL
SPI clock
I
6
CSB
Chip Enable
I
7
RS
Command/Data
I
8
/RESET
Reset
I
9
FS
Font SelectH=6*8dots matrix,
L=8*8 dot matrix
I
10
BL+
Power supply for LED driving
circuit, 5V typical
P
11
BL-
Power ground for LED driving
circuit, internally connected to VSS
P
7.0 POWER SUPPLY


Similar Part No. - ATM2412BS-FLW-XFW

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM2412B AZDISPLAYS-ATM2412B Datasheet
239Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FL-YFW AZDISPLAYS-ATM2412B-FL-YFW Datasheet
239Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FL-YFW-M AZDISPLAYS-ATM2412B-FL-YFW-M Datasheet
239Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FLW-FFW AZDISPLAYS-ATM2412B-FLW-FFW Datasheet
239Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM2412B-FLW-FFW-M AZDISPLAYS-ATM2412B-FLW-FFW-M Datasheet
239Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM2412BS-FLW-XFW

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com