Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT2H1611F0DTL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NT2H1611F0DTL
Description  NFC Forum Type 2 Tag compliant IC with 144/888 bytes user memory and field detection
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NT2H1611F0DTL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NT2H1611F0DTL Datasheet HTML 3Page - NXP Semiconductors NT2H1611F0DTL Datasheet HTML 4Page - NXP Semiconductors NT2H1611F0DTL Datasheet HTML 5Page - NXP Semiconductors NT2H1611F0DTL Datasheet HTML 6Page - NXP Semiconductors NT2H1611F0DTL Datasheet HTML 7Page - NXP Semiconductors NT2H1611F0DTL Datasheet HTML 8Page - NXP Semiconductors NT2H1611F0DTL Datasheet HTML 9Page - NXP Semiconductors NT2H1611F0DTL Datasheet HTML 10Page - NXP Semiconductors NT2H1611F0DTL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
NTAG213F_216F
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 18 July 2013
262230
7 of 56
NXP Semiconductors
NTAG213F/216F
NFC Forum T2T IC with 144/888 bytes user memory and field detection
8.
Functional description
8.1 Block description
NTAG21xF ICs consist of a 180 (NTAG213F) or 924 bytes (NTAG216F) EEPROM, RF
interface and Digital Control Unit. Energy and data are transferred via an antenna
consisting of a coil with a few turns which is directly connected to NTAG21xF. No further
external components are necessary. Refer to Ref. 4 for details on antenna design.
RF interface:
– modulator/demodulator
– rectifier
– clock regenerator
– Power-On Reset (POR)
– voltage regulator
Anticollision: multiple tags may be selected and managed in sequence
Command interpreter: processes memory access commands supported by the
NTAG21xF
EEPROM interface
NTAG213F EEPROM: 180 bytes, organized in 45 pages of 4 byte per page.
– 26 bytes reserved for manufacturer and configuration data
– 34 bits used for the read-only locking mechanism
– 4 bytes available as capability container
– 144 bytes user programmable read/write memory
NTAG216F EEPROM: 924 bytes, organized in 231 pages of 4 byte per page.
– 26 bytes reserved for manufacturer and configuration data
– 37 bits used for the read-only locking mechanism
– 4 bytes available as capability container
– 888 bytes user programmable read/write memory


Similar Part No. - NT2H1611F0DTL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NT2H1611F0DTL NXP-NT2H1611F0DTL Datasheet
1Mb / 56P
   NFC Forum Type 2 Tag compliant IC with 144/888 bytes user memory and field detection
Rev. 3.1-28 August 2013
More results

Similar Description - NT2H1611F0DTL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTAG213F_1308 NXP-NTAG213F_1308 Datasheet
1Mb / 56P
   NFC Forum Type 2 Tag compliant IC with 144/888 bytes user memory and field detection
Rev. 3.1-28 August 2013
NT2H1311G0DUF NXP-NT2H1311G0DUF Datasheet
1Mb / 58P
   NFC Forum Type 2 Tag compliant IC with 144/504/888 bytes user memory
Rev. 3.0-24 July 2013
NTAG210 NXP-NTAG210 Datasheet
1,001Kb / 46P
   NFC Forum Type 2 Tag compliant IC with 48/128 bytes user memory
Rev. 3.0-14 March 2013
NT2L1001 NXP-NT2L1001 Datasheet
871Kb / 32P
   NTAG 210關, NFC Forum Type 2 Tag compliant IC with 48 bytes user memory
Rev. 3.0-7 September 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
NCX3310 NXP-NCX3310 Datasheet
1Mb / 2P
   NFC Forum-compliant Tag IC with I2C for Automotive
REV 1
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
NT3H2211W0FHKH NXP-NT3H2211W0FHKH Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com