Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N751A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 1N751A
Description  Half Watt Zeners
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N751A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1N751A Datasheet HTML 1Page - Fairchild Semiconductor 1N751A Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Device
VZ
(V)
ZZ
(
Ω)
IZT
(mA)
IR1
(
µA)
VR
(V)
IR2
(
µA)
VR
TA=150
°C
(V)
TC
(%/
°C)
IZM*
(mA)
1N746A
1N747A
1N748A
1N749A
1N750A
3.3
3.6
3.9
4.3
4.7
28
24
23
22
19
20
20
20
20
20
10
10
10
2.0
2.0
1.0
1.0
1.0
1.0
1.0
30
30
30
30
30
1.0
1.0
1.0
1.0
1.0
- 0.070
- 0.065
- 0.060
+/- 0.055
+/- 0.030
110
100
95
85
75
1N751A
1N752A
1N753A
1N754A
5.1
5.6
6.2
6.8
17
11
7.0
5.0
20
20
20
20
1.0
1.0
0.1
0.1
1.0
1.0
1.0
1.0
20
20
20
20
1.0
1.0
1.0
1.0
+/- 0.030
+ 0.038
+ 0.045
+ 0.050
70
65
60
55
1N755A
1N756A
1N757A
1N758A
1N759A
7.5
8.2
9.1
10
12
6.0
8.0
10
17
30
20
20
20
20
20
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
20
20
20
20
20
1.0
1.0
1.0
1.0
1.0
+ 0.058
+ 0.062
+ 0.068
+ 0.075
+ 0.077
50
45
40
35
38
1N746A - 1N759A Series Half Watt Zeners
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Tolerance: A = 5%
Electrical Characteristics
TA = 25°C unless otherwise noted
@
@
@
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed
or low duty cycle operations.
*These ratings are limiting values above which the serviceability of the diode may be impaired.
*IZM (Maximum Zener Current Rating) Values shown are based on the JEDEC rating of 400 milliwatts. Where the actual zener voltage (VZ) is known
at the operating point, the maximum zener current may be increased and is limited by the derating curve.
Parameter
Value
Units
Storage Temperature Range
-65 to +200
°C
Maximum Junction Operating Temperature
+ 175
°C
Lead Temperature (1/16” from case for 10 seconds)
+ 230
°C
Total Device Dissipation
Derate above 25
°C
500
3.33
mW
mW/
°C
DO-35
Discrete POWER & Signal
Technologies
ã
1997 Fairchild Semiconductor Corporation


Similar Part No. - 1N751A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N751A CDI-DIODE-1N751A Datasheet
23Kb / 2P
   DOUBLE PLUG CONSTRUCTION
logo
National Semiconductor ...
1N751A NSC-1N751A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
General Semiconductor
1N751A GE-1N751A Datasheet
36Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
1N751A MCC-1N751A Datasheet
371Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Leshan Radio Company
1N751A LRC-1N751A Datasheet
36Kb / 1P
   1N43 1N7 SERIES ZENER DIODES
More results

Similar Description - 1N751A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
BZX79C FAIRCHILD-BZX79C Datasheet
22Kb / 2P
   Series Half Watt Zeners
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
New Jersey Semi-Conduct...
UZ706 NJSEMI-UZ706 Datasheet
120Kb / 2P
   POWER ZENERS 3 Watt
logo
Fairchild Semiconductor
1N4728A FAIRCHILD-1N4728A Datasheet
33Kb / 2P
   Series One Watt Zeners
logo
Digitron Semiconductors
UZ7706 DIGITRON-UZ7706 Datasheet
117Kb / 2P
   6 WATT POWER ZENERS
UZ4706 DIGITRON-UZ4706 Datasheet
143Kb / 2P
   5 WATT POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ806 NJSEMI-UZ806 Datasheet
131Kb / 3P
   POWER ZENERS 6 Watt, Military, 10 Watt Military
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com