Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S554-6500-26 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # S554-6500-26
Description  HIGH FREQUENCY MAGNETICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S554-6500-26 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  S554-6500-26 Datasheet HTML 1Page - Bel Fuse Inc. S554-6500-26 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2002 Bel Fuse Inc. Specifications subject to change without notice. 04.02
TM02130
page 2
DS3/E3/STS-1 Transformers
MECHANICAL
S554-6500-25
S554-6500-26
S554-6500-30
Tape and Reel Packaging
16 mm wide by 12 mm pitch; 13 inch OD, 4 inch ID
500 modules per reel, maximum
Meets ANSI/EIA 481-2 Carrier Tape Standards - JEDEC SO Package
0.300
[7.62]
max
0.350 [8.89]
0.375 [9.52]
0.285
[7.24]
max
0.018 +0.002
[0.46 +0.05]
0.100 [2.54]
Suggested PCB Pad Layout
0.425
[10.80]
0.070
[1.78]
0.030 [0.76]
0.100
[2.54]
0.008 - 0.012
[0.20 - 0.30]
0.035 [0.89]
0.200
[5.08]
0.225
[5.73] max
0.003
[0.08]
min
0.004 [0.10]
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.


Similar Part No. - S554-6500-26

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S554-6500-20 BEL-S554-6500-20 Datasheet
241Kb / 2P
   HIGH FREQUENCY MAGNETICS DS3/E3/STS-1 Mini-Octal Transformer Module
S554-6500-25-F BEL-S554-6500-25-F Datasheet
606Kb / 2P
   ELECTRICAL SPECIFICATION
S554-6500-27 BEL-S554-6500-27 Datasheet
83Kb / 2P
   HIGH FREQUENCY MAGNETICS DS3/E3/STS-1 Dodecal Transformer Module
S554-6500-28-F BEL-S554-6500-28-F Datasheet
213Kb / 2P
   ELECTRICAL SPECIFICATION
S554-6500-29 BEL-S554-6500-29 Datasheet
45Kb / 2P
   HIGH FREQUENCY MAGNETICS DS3/E3/STS-1 Quad Transformer
More results

Similar Description - S554-6500-26

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
   HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
S553-6500-62 BEL-S553-6500-62 Datasheet
33Kb / 2P
   HIGH FREQUENCY MAGNETICS
S555-6400-26 BEL-S555-6400-26 Datasheet
194Kb / 2P
   HIGH FREQUENCY MAGNETICS
TM02129 BEL-TM02129 Datasheet
91Kb / 2P
   HIGH FREQUENCY MAGNETICS
2741R2 BEL-2741R2 Datasheet
45Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Magnetics
S553-6500-A6 BEL-S553-6500-A6 Datasheet
34Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformer
2779C BEL-2779C Datasheet
54Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1Surface Mount Transformers
S553-6500-A5 BEL-S553-6500-A5 Datasheet
65Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformer
2664G BEL-2664G Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS Specialty Through Hole Transformer
2745R2 BEL-2745R2 Datasheet
45Kb / 2P
   HIGH FREQUENCY MAGNETICS Specialty Through Hole Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com