Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1683 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1683
Description  Total-Elapsed-Time and Event Recorder with Alarm
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1683_12 Datasheet HTML 3Page - Maxim Integrated Products DS1683_12 Datasheet HTML 4Page - Maxim Integrated Products DS1683_12 Datasheet HTML 5Page - Maxim Integrated Products DS1683_12 Datasheet HTML 6Page - Maxim Integrated Products DS1683_12 Datasheet HTML 7Page - Maxim Integrated Products DS1683_12 Datasheet HTML 8Page - Maxim Integrated Products DS1683_12 Datasheet HTML 9Page - Maxim Integrated Products DS1683_12 Datasheet HTML 10Page - Maxim Integrated Products DS1683_12 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
7
Maxim Integrated
On the falling edge of the EVENT signal, the contents of
the ETC SRAM counter are written to the ETC shadowed
EEPROM registers.
When the EVENT pin is low, the ETC register can be
written by the I2C bus. For example, when it comes time
to reset the time stored in the ETC register, an I2C write
command can be issued to set all the bits to 0.
ETC Alarm Register
The ETC Alarm register is a 32-bit value and contains the
value that is compared to the accumulated ETC value.
When a nonzero value is programmed into the ETC
Alarm register, the ETC alarm function is enabled and the
DS1683 compares the value in the ETC SRAM counter
with the programmed value in the ETC Alarm register.
When the ETC SRAM Counter matches or exceeds the
alarm value, the ETC alarm flag (ETC AF) is set.
Note: To disable the ETC alarm function, program the
ETC Alarm register to a value of all 0s. An alarm value of
all 0s disables the ETC alarm function.
Event Counter Register
This 16-bit Event Counter stores the number of falling
edges seen on the EVENT pin. Once the Event Counter
reaches a value of FFFFh, event counting stops. The
Event Counter register is backed by four banks of shad-
owed EEPROM, which allow for 200k+ write cycles occur
before a wearout condition. When an I2C read occurs
when the EVENT pin is high, a snapshot of the value
from the Event Counter SRAM is made available for the
I2C bus. When the EVENT pin is logic 0, I2C reads take
data from the shadowed EEPROM Event Counter bank
memory.
On POR, the Event Counter value stored in shadowed
EEPROM bank memory is loaded into the Event Counter
SRAM location. This also happens when a low-to-high
transition occurs on the EVENT pin, or when an I2C write
to the Event Counter register occurs. When data is writ-
ten to the Event Counter register, the value is stored in
the shadowed EEPROM bank memory, and also in the
corresponding Event Counter SRAM location. This data is
transferred after the STOP of the I2C command.
On the falling edge of the EVENT signal, the Event
Counter SRAM register is incremented by a value of one,
and the contents of the Event Counter SRAM are written
to the Event Counter shadowed EEPROM.
When the EVENT pin is low, the Event Counter register
can be written by the I2C bus. For example, when it
comes time to reset the accumulated number of events
in the Event Counter register, an I2C write command can
be issued to set all of the bits to 0.
Event Counter Alarm Register
The Event Counter Alarm register is a 16-bit register, and
contains the value that is compared to the accumulated
Event Counter value. When a nonzero value is programmed
into the Event Counter Alarm register, the Event Counter
alarm function is enabled, and the DS1683 compares the
value in the Event Counter SRAM with the programmed
value in the EVENT Alarm register. When the Event Counter
SRAM value matches or exceeds the alarm value, the Event
Counter alarm flag (EVENT AF) is set.
Note: To disable the Event Counter alarm function, pro-
gram the Event Counter Alarm register to a value of all
0s. An alarm value of all 0s disables the Event Counter
alarm function.
Alarm Output
The ALARM pin is an open-drain structure, and set-
ting the alarm polarity bit (ALRM POL) located in the
Configuration register determines if the ALARM output
is active high or active low (default is active low). The
DS1683 monitors the values in the ETC and Event
Counter registers and compares them to the values in the
ETC and Event Counter Alarm registers. When the ETC
and Event Counter values match or exceed their corre-
sponding alarm values, their alarm flags (EVENT AF and
ETC AF, located in the Status register) are set to a value
of 1, indicating an alarm condition. If the correspond-
ing Enable bits (ETC ALRM EN and EVENT ALRM EN,
located in the Configuration register) are active, then the
ALARM output is driven to its active state and is latched.
Once the alarm condition has been cleared, the cor-
responding alarm flag (EVENT AF and/or ETC AF)
automatically clears. Once the actual alarm condition is
cleared, the CLR ALM bit must be used to clear an active
ALARM pin state. If the alarm condition is still present
when the CLR ALM bit is toggled, the ALARM simply
reactivates and latches.


Similar Part No. - DS1683_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1683S++ MAXIM-DS1683S+ Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683S+R MAXIM-DS1683S+R Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683S+T MAXIM-DS1683S+T Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
More results

Similar Description - DS1683_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1683 MAXIM-DS1683 Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
   Total Elapsed Time Recorder with Alarm
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1678 MAXIM-DS1678 Datasheet
819Kb / 25P
   Real-Time Event Recorder
100405
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
Dallas Semiconductor
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
   Elapsed Time Counter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com