Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX6X4DYM08AC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCIMX6X4DYM08AC
Description  i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
Download  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6X4DYM08AC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCIMX6X4DYM08AC Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX6X4DYM08AC Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX6X4DYM08AC Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX6X4DYM08AC Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX6X4DYM08AC Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX6X4DYM08AC Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX6X4DYM08AC Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX6X4DYM08AC Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX6X4DYM08AC Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 165 page
background image
i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors, Rev. 2.3
10
Freescale Semiconductor
Modules List
CSI
MIPI CSI-2 Interface Multimedia
Peripherals
The CSI IP provides MIPI CSI-2 standard camera interface port. The
CSI-2 interface supports up to 1 Gbps for up to 3 data lanes and up to 800
Mbps for 4 data lanes.
CSU
Central Security Unit Security
The Central Security Unit (CSU) is responsible for setting comprehensive
security policy within the i.MX 6Dual/6Quad platform. The Security
Control Registers (SCR) of the CSU are set during boot time by the HAB
and are locked to prevent further writing.
CTI-0
CTI-1
CTI-2
CTI-3
CTI-4
Cross Trigger
Interfaces
Debug / Trace Cross Trigger Interfaces allows cross-triggering based on inputs from
masters attached to CTIs. The CTI module is internal to the Cortex-A9
Core Platform.
CTM
Cross Trigger Matrix Debug / Trace Cross Trigger Matrix IP is used to route triggering events between CTIs.
The CTM module is internal to the Cortex-A9 Core Platform.
DAP
Debug Access Port
System
Control
Peripherals
The DAP provides real-time access for the debugger without halting the
core to:
• System memory and peripheral registers
• All debug configuration registers
The DAP also provides debugger access to JTAG scan chains. The DAP
module is internal to the Cortex-A9 Core Platform.
DCIC-0
DCIC-1
Display Content
Integrity Checker
Automotive IP The DCIC provides integrity check on portion(s) of the display. Each i.MX
6Dual/6Quad processor has two such modules, one for each IPU.
DSI
MIPI DSI interface
Multimedia
Peripherals
The MIPI DSI IP provides DSI standard display port interface. The DSI
interface support 80 Mbps to 1 Gbps speed per data lane.
DTCP
DTCP
MM
Provides encryption function according to Digital Transmission Content
Protection standard for traffic over MLB150.
eCSPI1-5
Configurable SPI
Connectivity
Peripherals
Full-duplex enhanced Synchronous Serial Interface. It is configurable to
support Master/Slave modes, four chip selects to support multiple
peripherals.
ENET
Ethernet Controller
Connectivity
Peripherals
The Ethernet Media Access Controller (MAC) is designed to support
10/100/1000 Mbps Ethernet/IEEE 802.3 networks. An external
transceiver interface and transceiver function are required to complete the
interface to the media. The i.MX 6Dual/6Quad processors also consist of
hardware assist for IEEE 1588 standard. For details, see the ENET
chapter of the i.MX 6Dual/6Quad reference manual (IMX6DQRM).
Note: The theoretical maximum performance of 1 Gbps ENET is limited
to 470 Mbps (total for Tx and Rx) due to internal bus throughput
limitations. The actual measured performance in optimized environment
is up to 400 Mbps. For details, see the ERR004512 erratum in the i.MX
6Dual/6Quad errata document (IMX6DQCE).
Table 2. i.MX 6Dual/6Quad Modules List (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description


Similar Part No. - MCIMX6X4DYM08AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6X4AVK08AB NXP-MCIMX6X4AVK08AB Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX6X4AVK08AB NXP-MCIMX6X4AVK08AB Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
MCIMX6X4AVK08AB NXP-MCIMX6X4AVK08AB Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
MCIMX6X4AVK08AC NXP-MCIMX6X4AVK08AC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX6X4AVK08AC NXP-MCIMX6X4AVK08AC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
More results

Similar Description - MCIMX6X4DYM08AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6DQAEC NXP-IMX6DQAEC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
Freescale Semiconductor...
MCIMX6Q6AVT10AC FREESCALE-MCIMX6Q6AVT10AC Datasheet
2Mb / 166P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX6DQCPOPEC NXP-IMX6DQCPOPEC Datasheet
1Mb / 161P
   i.MX 6Dual/6Quad Applications Processors Consumer - PoP
Rev. 2, 11/2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
   i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX8QMAEC NXP-IMX8QMAEC Datasheet
2Mb / 155P
   i.MX 8QuadMax Automotive and Infotainment Applications Processors
Rev. 0, 10/2019
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
   i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com