Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX6X1DYM08AC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCIMX6X1DYM08AC
Description  i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
Download  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6X1DYM08AC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCIMX6X1DYM08AC Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX6X1DYM08AC Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX6X1DYM08AC Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX6X1DYM08AC Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX6X1DYM08AC Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX6X1DYM08AC Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX6X1DYM08AC Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX6X1DYM08AC Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX6X1DYM08AC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 165 page
background image
i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors, Rev. 2.3
6
Freescale Semiconductor
Introduction
– 1-bit, 4-bit, or 8-bit transfer mode specifications for MMC cards up to 52 MHz in both SDR
and DDR modes (104 MB/s max)
•USB:
— One High Speed (HS) USB 2.0 OTG (Up to 480 Mbps), with integrated HS USB PHY
— Three USB 2.0 (480 Mbps) hosts:
– One HS host with integrated High Speed PHY
– Two HS hosts with integrated HS-IC USB (High Speed Inter-Chip USB) PHY
Expansion PCI Express port (PCIe) v2.0 one lane
— PCI Express (Gen 2.0) dual mode complex, supporting Root complex operations and Endpoint
operations. Uses x1 PHY configuration.
Miscellaneous IPs and interfaces:
— Three I2S/SSI/AC97, up to 1.4 Mbps each
— Enhanced Serial Audio Interface (ESAI), up to 1.4 Mbps per channel
— Five UARTs, up to 4.0 Mbps each:
– Providing RS232 interface
– Supporting 9-bit RS485 multidrop mode
– One of the five UARTs (UART1) supports 8-wire while others four supports 4-wire. This is
due to the SoC IOMUX limitation, since all UART IPs are identical.
— Five eCSPI (Enhanced CSPI)
— Three I2C, supporting 400 kbps
— Gigabit Ethernet Controller (IEEE1588 compliant), 10/100/10001 Mbps
— Four Pulse Width Modulators (PWM)
— System JTAG Controller (SJC)
— GPIO with interrupt capabilities
— 8x8 Key Pad Port (KPP)
— Sony Philips Digital Interconnect Format (SPDIF), Rx and Tx
— Two Controller Area Network (FlexCAN), 1 Mbps each
— Two Watchdog timers (WDOG)
— Audio MUX (AUDMUX)
— MLB (MediaLB) provides interface to MOST Networks (150 Mbps) with the option of DTCP
cipher accelerator
The i.MX 6Dual/6Quad processors integrate advanced power management unit and controllers:
Provide PMU, including LDO supplies, for on-chip resources
Use Temperature Sensor for monitoring the die temperature
Support DVFS techniques for low power modes
Use Software State Retention and Power Gating for ARM and MPE
1. The theoretical maximum performance of 1 Gbps ENET is limited to 470 Mbps (total for Tx and Rx) due to internal bus
throughput limitations. The actual measured performance in optimized environment is up to 400 Mbps. For details, see the
ERR004512 erratum in the i.MX 6Dual/6Quad errata document (IMX6DQCE).


Similar Part No. - MCIMX6X1DYM08AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6X1AVK08AB NXP-MCIMX6X1AVK08AB Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX6X1AVK08AB NXP-MCIMX6X1AVK08AB Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
MCIMX6X1AVK08AB NXP-MCIMX6X1AVK08AB Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
MCIMX6X1AVK08AC NXP-MCIMX6X1AVK08AC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX6X1AVK08AC NXP-MCIMX6X1AVK08AC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
More results

Similar Description - MCIMX6X1DYM08AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6DQAEC NXP-IMX6DQAEC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
Freescale Semiconductor...
MCIMX6Q6AVT10AC FREESCALE-MCIMX6Q6AVT10AC Datasheet
2Mb / 166P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX6DQCPOPEC NXP-IMX6DQCPOPEC Datasheet
1Mb / 161P
   i.MX 6Dual/6Quad Applications Processors Consumer - PoP
Rev. 2, 11/2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
   i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX8QMAEC NXP-IMX8QMAEC Datasheet
2Mb / 155P
   i.MX 8QuadMax Automotive and Infotainment Applications Processors
Rev. 0, 10/2019
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
   i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com