Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGLN030V2-ZQN100YES Datasheet(PDF) 7 Page - Microsemi Corporation

Part # AGLN030V2-ZQN100YES
Description  IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLN030V2-ZQN100YES Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button AGLN030V2-ZQN100YES Datasheet HTML 3Page - Microsemi Corporation AGLN030V2-ZQN100YES Datasheet HTML 4Page - Microsemi Corporation AGLN030V2-ZQN100YES Datasheet HTML 5Page - Microsemi Corporation AGLN030V2-ZQN100YES Datasheet HTML 6Page - Microsemi Corporation AGLN030V2-ZQN100YES Datasheet HTML 7Page - Microsemi Corporation AGLN030V2-ZQN100YES Datasheet HTML 8Page - Microsemi Corporation AGLN030V2-ZQN100YES Datasheet HTML 9Page - Microsemi Corporation AGLN030V2-ZQN100YES Datasheet HTML 10Page - Microsemi Corporation AGLN030V2-ZQN100YES Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 150 page
background image
Revision 17
1-1
1 – IGLOO nano Device Overview
General Description
The IGLOO family of flash FPGAs, based on a 130-nm flash process, offers the lowest power FPGA, a
single-chip solution, small footprint packages, reprogrammability, and an abundance of advanced
features.
The Flash*Freeze technology used in IGLOO nano devices enables entering and exiting an ultra-low
power mode that consumes nanoPower while retaining SRAM and register data. Flash*Freeze
technology simplifies power management through I/O and clock management with rapid recovery to
operation mode.
The Low Power Active capability (static idle) allows for ultra-low power consumption while the IGLOO
nano device is completely functional in the system. This allows the IGLOO nano device to control system
power management based on external inputs (e.g., scanning for keyboard stimulus) while consuming
minimal power.
Nonvolatile flash technology gives IGLOO nano devices the advantage of being a secure, low power,
single-chip solution that is Instant On. The IGLOO nano device is reprogrammable and offers time-to-
market benefits at an ASIC-level unit cost.
These features enable designers to create high-density systems using existing ASIC or FPGA design
flows and tools.
IGLOO nano devices offer 1 kbit of on-chip, reprogrammable, nonvolatile FlashROM storage as well as
clock conditioning circuitry based on an integrated phase-locked loop (PLL). The AGLN030 and smaller
devices have no PLL or RAM support. IGLOO nano devices have up to 250 k system gates, supported
with up to 36 kbits of true dual-port SRAM and up to 71 user I/Os.
IGLOO nano devices increase the breadth of the IGLOO product line by adding new features and
packages for greater customer value in high volume consumer, portable, and battery-backed markets.
Features such as smaller footprint packages designed with two-layer PCBs in mind, power consumption
measured in nanoPower, Schmitt trigger, and bus hold (hold previous I/O state in Flash*Freeze mode)
functionality make these devices ideal for deployment in applications that require high levels of flexibility
and low cost.
Flash*Freeze Technology
The IGLOO nano device offers unique Flash*Freeze technology, allowing the device to enter and exit
ultra-low power Flash*Freeze mode. IGLOO nano devices do not need additional components to turn off
I/Os or clocks while retaining the design information, SRAM content, and registers. Flash*Freeze
technology is combined with in-system programmability, which enables users to quickly and easily
upgrade and update their designs in the final stages of manufacturing or in the field. The ability of IGLOO
nano V2 devices to support a wide range of core voltage (1.2 V to 1.5 V) allows further reduction in
power consumption, thus achieving the lowest total system power.
During Flash*Freeze mode, each I/O can be set to the following configurations: hold previous state,
tristate, HIGH, or LOW.
The availability of low power modes, combined with reprogrammability, a single-chip and single-voltage
solution, and small-footprint packages make IGLOO nano devices the best fit for portable electronics.


Similar Part No. - AGLN030V2-ZQN100YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGLN030Z MICROSEMI-AGLN030Z Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
AGLN030Z1 MICROSEMI-AGLN030Z1 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
More results

Similar Description - AGLN030V2-ZQN100YES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com