Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW1206562FJ0EA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRCW1206562FJ0EA
Description  Standard Thick Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW1206562FJ0EA Datasheet(HTML) 2 Page - Vishay Siliconix

  CRCW1206562FJ0EA Datasheet HTML 1Page - Vishay Siliconix CRCW1206562FJ0EA Datasheet HTML 2Page - Vishay Siliconix CRCW1206562FJ0EA Datasheet HTML 3Page - Vishay Siliconix CRCW1206562FJ0EA Datasheet HTML 4Page - Vishay Siliconix CRCW1206562FJ0EA Datasheet HTML 5Page - Vishay Siliconix CRCW1206562FJ0EA Datasheet HTML 6Page - Vishay Siliconix CRCW1206562FJ0EA Datasheet HTML 7Page - Vishay Siliconix CRCW1206562FJ0EA Datasheet HTML 8Page - Vishay Siliconix CRCW1206562FJ0EA Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: thickfilmchip@vishay.com
Document Number: 20035
126
Revision: 04-Jun-12
D/CRCW e3
Vishay
Standard Thick Film Chip Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
D10/
CRCW0402
D11/
CRCW0603
D12/
CRCW0805
D25/
CRCW1206
CRCW1210 CRCW1218 CRCW2010 CRCW2512
Rated dissipation P70 (1)
W
0.063
0.1
0.125
0.25
0.5
1.0
0.75
1.0
Limiting element voltage
Umax. AC/DC
V
50
75
150
200
200
200
400
500
Insulation voltage
Uins (1 min)
V
> 75
> 100
> 200
> 300
> 300
> 300
> 300
> 300
Insulation resistance
> 109
Category temperature
range
°C
- 55 to + 155
Failure rate
h-1
< 0.1 x 10- 9
Weight
mg
0.65
2
5.5
10
16
29.5
25.5
40.5
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: CRCW0603562RFKEC
MODEL
VALUE
TOLERANCE
TCR
PACKAGING
SPECIAL
CRCW0402
CRCW0603
CRCW0805
CRCW1206
CRCW1210
CRCW1218
CRCW2010
CRCW2512
R = Decimal
K = Thousand
M = Million
0000 = Jumper
F = ± 1.0 %
J = ± 5.0 %
Z = Jumper
K = ± 100 ppm/K
N = ± 200 ppm/K
0 = Jumper
EA, EB,
EC, ED,
EE, EF,
EG, EH,
EI, EL,
EK
Up to 2 digits
Product Description: D11/CRCW0603 100 562R 1 % ET6 e3
D11/CRCW0603
100
562R
1 %
ET6
e3
MODEL
TCR
RESISTANCE VALUE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
D10/CRCW0402
D11/CRCW0603
D12/CRCW0805
D25/CRCW1206
CRCW1210
CRCW1218
CRCW2010
CRCW2512
± 200 ppm/K
± 100 ppm/K
10R = 10
562R = 562
10K = 10 k
1M0 = 1 M
0R0 = Jumper
± 5 %
± 1 %
ET1, ET2,
ET3, ET4,
ET5, ET6,
ET7, ET8,
ET9, EF4,
E02, E67,
E82
e3 = Pure tin
termination finish
C
R
C
W
0
6
0
3
5
6
2
R
F
K
E
C


Similar Part No. - CRCW1206562FJ0EA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1206562FKTA VISHAY-CRCW1206562FKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW1206562FNTA VISHAY-CRCW1206562FNTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - CRCW1206562FJ0EA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW12062K00JNEA VISHAY-CRCW12062K00JNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
Vicor Corporation
CRCW120647K0FKEA VICOR-CRCW120647K0FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
CRCW040249R9FKED VISHAY-CRCW040249R9FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW1206100RFKEA VISHAY-CRCW1206100RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW06031K74FKEA VISHAY-CRCW06031K74FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW04021K80FKED VISHAY-CRCW04021K80FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW251210R0FKEG VISHAY-CRCW251210R0FKEG Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW080549K9FKEA VISHAY-CRCW080549K9FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805200RFKEA VISHAY-CRCW0805200RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW040247K0JNED VISHAY-CRCW040247K0JNED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805100MJPEAHR VISHAY-CRCW0805100MJPEAHR Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com