Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGAF20N60SMD Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FGAF20N60SMD
Description  600 V, 20 A Field Stop IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGAF20N60SMD Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FGAF20N60SMD Datasheet HTML 2Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 3Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 4Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 5Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 6Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 7Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 8Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 9Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
10
www.fairchildsemi.com
FGAF20N60SMD Rev. C2
TRADEMARKS
The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not
intended to be an exhaustive list of all such trademarks.
*Trademarks of System General Corporation, used under license by Fairchild Semiconductor.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY
PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD’S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY
THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE
EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used here in:
1.
Life support devices or systems are devices or systems which, (a) are
intended for surgical implant into the body or (b) support or sustain life,
and (c) whose failure to perform when properly used in accordance with
instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury of the user.
2.
A critical component in any component of a life support, device, or
system whose failure to perform can be reasonably expected to cause
the failure of the life support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
2Cool™
AccuPower™
AX-CAP®*
BitSiC™
Build it Now™
CorePLUS™
CorePOWER™
CROSSVOLT
CTL™
Current Transfer Logic™
DEUXPEED®
Dual Cool™
EcoSPARK®
EfficentMax™
ESBC™
Fairchild®
Fairchild Semiconductor®
FACT Quiet Series™
FACT®
FAST®
FastvCore™
FETBench™
FPS™
F-PFS™
FRFET®
Global Power ResourceSM
Green Bridge™
Green FPS™
Green FPS™ e-Series™
Gmax™
GTO™
IntelliMAX™
ISOPLANAR™
Marking Small Speakers Sound Louder
and Better™
MegaBuck™
MICROCOUPLER™
MicroFET™
MicroPak™
MicroPak2™
MillerDrive™
MotionMax™
mWSaver™
OptoHiT™
OPTOLOGIC®
OPTOPLANAR®
PowerTrench®
PowerXS™
Programmable Active Droop™
QFET®
QS™
Quiet Series™
RapidConfigure™
Saving our world, 1mW/W/kW at a time™
SignalWise™
SmartMax™
SMART START™
Solutions for Your Success™
SPM®
STEALTH™
SuperFET®
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SupreMOS®
SyncFET™
Sync-Lock™
®*
TinyBoost™
TinyBuck™
TinyCalc™
TinyLogic®
TINYOPTO™
TinyPower™
TinyPWM™
TinyWire™
TranSiC®
TriFault Detect™
TRUECURRENT®*
µSerDes™
UHC®
Ultra FRFET™
UniFET™
VCX™
VisualMax™
VoltagePlus™
XS™
®
Datasheet Identification
Product Status
Definition
Advance Information
Formative / In Design
Datasheet contains the design specifications for product development. Specifications
may change in any manner without notice.
Preliminary
First Production
Datasheet contains preliminary data; supplementary data will be published at a later
date. Fairchild Semiconductor reserves the right to make changes at any time without
notice to improve design.
No Identification Needed
Full Production
Datasheet contains final specifications. Fairchild Semiconductor reserves the right to
make changes at any time without notice to improve the design.
Obsolete
Not In Production
Datasheet contains specifications on a product that is discontinued by Fairchild
Semiconductor. The datasheet is for reference information only.
ANTI-COUNTERFEITING POLICY
Fairchild Semiconductor Corporation’s Anti-Counterfeiting Policy. Fairchild’s Anti-Counterfeiting Policy is also stated on our external website,
www.Fairchildsemi.com, under Sales Support.
Counterfeiting of semiconductor parts is a growing problem in the industry. All manufactures of semiconductor products are experiencing counterfeiting of their
parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed
application, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the
proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild
Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild
Distributors are genuine parts, have full traceability, meet Fairchild’s quality standards for handing and storage and provide access to Fairchild’s full range of
up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address and
warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is
committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors.
Rev. I64
®


Similar Part No. - FGAF20N60SMD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGAF30S65AQ ONSEMI-FGAF30S65AQ Datasheet
302Kb / 9P
   Field Stop Trench IGBT, 30 A, 650 V
June, 2020 - Rev. 2
logo
Fairchild Semiconductor
FGAF40N60 FAIRCHILD-FGAF40N60 Datasheet
494Kb / 7P
   Ultrafast IGBT
FGAF40N60SMD FAIRCHILD-FGAF40N60SMD Datasheet
971Kb / 10P
   600 V, 40 A Field Stop IGBT
FGAF40N60UF FAIRCHILD-FGAF40N60UF Datasheet
494Kb / 7P
   Ultrafast IGBT
FGAF40N60UF FAIRCHILD-FGAF40N60UF Datasheet
288Kb / 7P
   High Speed Switching
More results

Similar Description - FGAF20N60SMD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH20N60UFD FAIRCHILD-FGH20N60UFD_13 Datasheet
282Kb / 9P
   600 V, 20 A Field Stop IGBT
FGH20N60UFDTU FAIRCHILD-FGH20N60UFDTU Datasheet
282Kb / 9P
   600 V, 20 A Field Stop IGBT
logo
ON Semiconductor
FGH20N60SFDTU ONSEMI-FGH20N60SFDTU Datasheet
812Kb / 9P
   IGBT - Field Stop 600 V, 20 A
February, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGAF40N60SMD FAIRCHILD-FGAF40N60SMD Datasheet
971Kb / 10P
   600 V, 40 A Field Stop IGBT
FGH40N60UFTU FAIRCHILD-FGH40N60UFTU Datasheet
308Kb / 8P
   600 V, 40 A Field Stop IGBT
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
   600 V, 40 A Field Stop IGBT
logo
ON Semiconductor
FGH40N60SMD-F085 ONSEMI-FGH40N60SMD-F085 Datasheet
375Kb / 10P
   IGBT - Field Stop 600 V, 40 A
February, 2020 ??Rev. 4
FGH60N60SFDTU-F085 ONSEMI-FGH60N60SFDTU-F085 Datasheet
475Kb / 9P
   IGBT - Field Stop 600 V, 60 A
February, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGH60N60SFD FAIRCHILD-FGH60N60SFD_V01 Datasheet
418Kb / 9P
   600 V, 60 A Field Stop IGBT
Rev. 1.4 March 2015
logo
ON Semiconductor
FGH60N60SMD ONSEMI-FGH60N60SMD Datasheet
488Kb / 11P
   IGBT - Field Stop 600 V, 60 A
January, 2020 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com