Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR16-36PCS2W-W3-GU10 Datasheet(PDF) 1 Page - HB Electronic Components

Part # MR16-36PCS2W-W3-GU10
Description  Emitted Color Pure White Warm White
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

MR16-36PCS2W-W3-GU10 Datasheet(HTML) 1 Page - HB Electronic Components

  MR16-36PCS2W-W3-GU10 Datasheet HTML 1Page - HB Electronic Components MR16-36PCS2W-W3-GU10 Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page: 1 of 2
Product Picture/产品外观图片
Absolute Maximum Ratings /产品的极限使用条件
Electrical and optical characteristics (Ta=25℃) /产品的电气及光电参数
Rating /范围
Parameter /项目
Symbol /代码
Min./最小值
Typ./标准值
Max./最大值
Unit
Input Voltage AC /输入电压
Vin
200
220
240
V
AC Frequency /电压频率
F
47
50
53
Hz
Input Current AC/输入电流
I(rms)
-
0.019
0.022
A
Operating Tem./工作温度
Ta
-25
25
50
Operating Hum./相对湿度
Ha
5%-95%(No Water/不结露)
-
Storage Tem./存储温度
Ts
-35~60
Parameter /项目
Condition/条件
Symbol /代码
Min. /最小值
Typ./标准值
Max./最大值
Unit
Power Dissipation /功率 Vin=220V~,50Hz
Pd
1.3
1.5
2.2
W
IV(P)
75
90
115
Lm
IV(W)
70
75
90
Lm
IV(R)
60
68
75
Lm
IV(Y)
60
68
75
Lm
IV(B)
12
18
24
Lm
Luminous Flux /光通量 Vin=220V~,50Hz
IV(G)
70
85
100
Lm
C.T.(P)
4000
6000
8000
K
C.T.(W)
3000
3500
4000
K
C.T.(R)
620
625
630
nm
C.T.(Y)
585
590
595
nm
C.T.(B)
465
470
475
nm
Color Temperature /色温 Vin=220V~,50Hz
C.T.(G)
520
525
530
nm
Viewing Angle /发光角度 Vin=220V~,50Hz
θ
-
15/120
-
Deg
Features/产品特性描述
1. Emitted Color/发光颜色: Pure White/正白、Warm White/暖
白、
Red/红、Yellow/黄、Blue/蓝、Green/绿
2. Lens Appearance/发光体种类: Water Clear/透明
3. Material of crust /外壳材质: Ground Glass/磨砂玻璃
4. CE Approved /产品安全规范符合 CE 标准
5. RoHS Compliant /产品符合欧盟相关 RoHS 法规
6. Base Type /接口类型: GU10
7. Choices of luminous intensities for indoor application/选择的
发光强度适合于室内照明
8. The useful lifetime of the product is more than 30000 hours/
该产品使用寿命超过
30000 小时
www.ledz.com
.
Hebei I.T. (Shanghai) Co., Ltd. MR16-36PCS(2W)-W3-GU10


Similar Part No. - MR16-36PCS2W-W3-GU10

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
MR16-36PCS2W-W3-E27 HB-MR16-36PCS2W-W3-E27 Datasheet
1Mb / 2P
   Emitted Color Pure White Warm White
More results

Similar Description - MR16-36PCS2W-W3-GU10

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
MR16-36PCS2W-W3-E27 HB-MR16-36PCS2W-W3-E27 Datasheet
1Mb / 2P
   Emitted Color Pure White Warm White
MR16-3X1W-W6-E27 HB-MR16-3X1W-W6-E27 Datasheet
289Kb / 1P
   Emitted Color Pure White Warm White
MR16-36PCS2W-W6-E27 HB-MR16-36PCS2W-W6-E27 Datasheet
1Mb / 2P
   Emitted Color Pure White Warm White
MR16-3.5W-W6-E27 HB-MR16-3.5W-W6-E27 Datasheet
267Kb / 1P
   Emitted Color Pure White Warm White Lens Appearance
MR16-3X1W-W3-E27 HB-MR16-3X1W-W3-E27 Datasheet
289Kb / 1P
   Emitted Color Pure White Warm White Lens Appearance Water Clear
G60-6W-W3-GU10 HB-G60-6W-W3-GU10 Datasheet
307Kb / 2P
   Emitted Color: Pure White?갮arm White
MR16-3X1W-W3-GU10 HB-MR16-3X1W-W3-GU10 Datasheet
739Kb / 1P
   Emitted Color Pure White Warm White Lens Appearance Water Clear
G60-6W-W6-E27 HB-G60-6W-W6-E27 Datasheet
332Kb / 1P
   Emitted Color: Pure White?갮arm White
G60-6W-W6-GU10 HB-G60-6W-W6-GU10 Datasheet
307Kb / 2P
   Emitted Color: Pure White?갮arm White
GU60-3W-W3-E27 HB-GU60-3W-W3-E27 Datasheet
163Kb / 1P
   Emitted Color: Pure White?갮arm White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com