Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5823 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5823
Description  Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5823 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5823 Datasheet HTML 1Page - Maxim Integrated Products MAX5823 Datasheet HTML 2Page - Maxim Integrated Products MAX5823 Datasheet HTML 3Page - Maxim Integrated Products MAX5823 Datasheet HTML 4Page - Maxim Integrated Products MAX5823 Datasheet HTML 5Page - Maxim Integrated Products MAX5823 Datasheet HTML 6Page - Maxim Integrated Products MAX5823 Datasheet HTML 7Page - Maxim Integrated Products MAX5823 Datasheet HTML 8Page - Maxim Integrated Products MAX5823 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
MAX5823/MAX5824/MAX5825
Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
General Description
The MAX5823/MAX5824/MAX5825 8-channel, low-power,
8-/10-/12-bit, voltage-output digital-to-analog converters
(DACs) include output buffers and an internal 3ppm/°C
reference that is selectable to be 2.048V, 2.500V, or
4.096V. The MAX5823/MAX5824/MAX5825 accept a
wide supply voltage range of 2.7V to 5.5V with extremely
low power (6mW) consumption to accommodate most
low-voltage applications. A precision external reference
input allows rail-to-rail operation and presents a 100kI
(typ) load to an external reference.
The MAX5823/MAX5824/MAX5825 have an I2C-compatible,
2-wire interface that operates at clock rates up to
400kHz. The DAC output is buffered and has a low sup-
ply current of less than 250FA per channel and a low
offset error of Q0.5mV (typ). On power-up, the MAX5823/
MAX5824/MAX5825 reset the DAC outputs to zero or mid-
scale based on the status of M/Z logic input, providing
flexibility for a variety of control applications. The internal
reference is initially powered down to allow use of an
external reference. The MAX5823/MAX5824/MAX5825
allow simultaneous output updates using software LOAD
commands or the hardware load DAC logic input (LDAC).
The MAX5823/MAX5824/MAX5825 feature a watchdog
function which can be enabled to monitor the I/O inter-
face for activity and integrity.
A clear logic input (CLR) allows the contents of the CODE
and the DAC registers to be cleared asynchronously and
simultaneously sets the DAC outputs to the program-
mable default value. The MAX5823/MAX5824/MAX5825
are available in a 20-pin TSSOP and an ultra-small,
20-bump WLP package and are specified over the -40NC
to +125NC temperature range.
Applications
Programmable Voltage and Current Sources
Gain and Offset Adjustment
Automatic Tuning and Optical Control
Power Amplifier Control and Biasing
Process Control and Servo Loops
Portable Instrumentation
Benefits and Features
S
Eight High-Accuracy DAC Channels
12-Bit Accuracy Without Adjustment
±1 LSB INL Buffered Voltage Output
Guaranteed Monotonic Over All Operating
Conditions
Independent Mode Settings for Each DAC
S
Three Precision Selectable Internal References
2.048V, 2.500V, or 4.096V
S
Internal Output Buffer
Rail-to-Rail Operation with External Reference
4.5µs Settling Time
Outputs Directly Drive 2kI Loads
S
Small 6.5mm x 4.4mm 20-Pin TSSOP or Ultra-
Small 2.5mm x 2.3mm 20-Bump WLP Package
S
Wide 2.7V to 5.5V Supply Range
S
Separate 1.8V to 5.5V VDDIO Power-Supply Input
S
Fast 400kHz I2C-Compatible, 2-Wire Serial
Interface
S
Pin-Selectable Power-On-Reset to Zero-Scale or
Midscale DAC Output
S
LDAC and CLR For Asynchronous DAC Control
S
Three Software-Selectable Power-Down Output
Impedances
1kI, 100kI, or High Impedance
19-6185; Rev 2; 2/13
Ordering Information appears at end of data sheet.
Functional Diagram
EVALUATION KIT AVAILABLE
ADDR0
SDA
SCL
OUT0
BUFFER
POR
WATCHDOG
TIMER
VDD
GND
DAC CONTROL LOGIC
POWER-DOWN
REF
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
VDDIO
ADDR1
CLR
LDAC
IRQ
M/Z
I2C SERIAL
INTERFACE
1kI
100kI
CODE
LOAD
CLEAR/
RESET
(GATE/
CLEAR/
RESET)
CODE
REGISTER
DAC
LATCH
8-/10-/12-BIT
DAC
1 OF 8 DAC CHANNELS
INTERNAL REFERENCE/
EXTERNAL BUFFER
MAX5823
MAX5824
MAX5825
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
For related parts and recommended products to use with this part,
refer to: www.maximintegrated.com/MAX5823.related


Similar Part No. - MAX5823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5823 MAXIM-MAX5823 Datasheet
7Mb / 18P
   MAX5825A Evaluation Kit
Rev 0; 5/12
MAX5823AUP++ MAXIM-MAX5823AUP+ Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
More results

Similar Description - MAX5823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5813 MAXIM-MAX5813 Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
MAX5816 MAXIM-MAX5816 Datasheet
4Mb / 32P
   Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com