Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV7745DEV15625M Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # LV7745DEV15625M
Description  Excellent phase noise characteristics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV7745DEV15625M Datasheet(HTML) 2 Page - Pletronics, Inc.

  LV7745DEV15625M Datasheet HTML 1Page - Pletronics, Inc. LV7745DEV15625M Datasheet HTML 2Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pletronics, Inc. (425)-776-1880, Fax: (425) 776-2760, www.pletronics.com
SGC001 (REV-D)
PLETRONICS
RoHS 6/6 Compliant
Crystal Controlled Oscillators
PECL OUTPUT
PECL OUTPUT
PECL OUTPUT
PECL OUTPUT
PE55D Series
PE55D Series
PE55D Series
PE55D Series
LCC Ceramic Package
3.2 x 5.0 x 1.35 mm
3rd Overtone crystal
Enable/Disable function on pad 1
Small SMD package for high density board designs
PE77D Series
PE77D Series
PE77D Series
PE77D Series
LCC Ceramic Package
5.0 x 7.0 x 1.7 mm
3rd Overtone crystal
Enable/Disable function on pad 1
PE55F and PE55G Series
PE55F and PE55G Series
PE55F and PE55G Series
PE55F and PE55G Series
LCC Ceramic Package
3.2 x 5.0 x 1.35 mm
PE55F is Fundamental crystal
PE55G is 3rd Overtone crystal
Improved rise and fall times
Enable/Disable function on pad 1
PE77F and PE77G Series
PE77F and PE77G Series
PE77F and PE77G Series
PE77F and PE77G Series
LCC Ceramic Package
5 x 7 x 1.7 mm
PE77F is Fundamental crystal
PE77G is 3rd Overtone crystal
Improved rise and fall times
Enable/Disable function on pad 1
PE99D Series
PE99D Series
PE99D Series
PE99D Series
LCC Ceramic Package
3.3 Volt Only
5.0 x 7.0 x 1.7 mm
Advanced Synthesized design
uses a fundamental mode crystal
Frequencies from 10MHz to over 1-GHz.
Pletronics
Part
Series
Package Size
Crystal
Mode
Frequency
Range (MHz)
Tr/Tf
Maximum
(pS)
Duty Cycle
%
Typical RMS Jitter (pS)
Current
with Load
(ma)
Supply Voltage
12KHz-
20MHz
10Hz-
20MHz
2.5V
3.3V
PE55D
3.2x5 mm
3rd OT
40-250
700
45-55
0.4
2.6
90
PE55F
3.2x5 mm
Fund.
13-110
400
45-55
0.9
1.0
27
PE55G
3.2x5 mm
3rd OT
35-220
400
45-55
0.4
0.9
40
PE77D
5x7 mm
3rd OT
40-325
700
45-55
0.4
2.6
90
PE77F
5x7 mm
Fund.
13-110
400
45-55
0.9
1.0
27
PE77G
5x7 mm
3rd OT
35-220
400
45-55
0.4
0.9
40
PE99
5x7 mm
Fund.
Synth.
10.9-766
876-1,170
300
47-53
0.6
2.1
90
FEATURES
FEATURES
FEATURES
FEATURES
Part Numbering
Part Numbering
Part Numbering
Part Numbering
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
Excellent phase noise characteristics
Temp range: - 10° to +70°C Standard, -40° to
+85°C Extended
Available Tolerances: +/- 20PPM, +/- 25PPM,
and +/- 50PPM
Most common frequencies in stock
Ideal reference clocks for high-speed applications
requiring low jitter, including:
1/10 Gigabit Ethernet
2/4/10G Fibre Channel
Server & Storage platforms
SONET/SDH linecards
.


Similar Part No. - LV7745DEV15625M

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV7745DEV-125.0M PLETRONICS-LV7745DEV-125.0M Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV7745DEV-125.0M-1K PLETRONICS-LV7745DEV-125.0M-1K Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV7745DEV-125.0M-T250 PLETRONICS-LV7745DEV-125.0M-T250 Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV7745DEV-125.0M-T500 PLETRONICS-LV7745DEV-125.0M-T500 Datasheet
148Kb / 8P
   LVDS Clock Oscillators
More results

Similar Description - LV7745DEV15625M

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CO27VH15DE-02-10.000 CRYSTEKMICROWAVE-CO27VH15DE-02-10.000 Datasheet
159Kb / 2P
   Excellent Phase Noise
logo
Abracon Corporation
ASTXR-12-26.000MHZ-512883 ABRACON-ASTXR-12-26.000MHZ-512883 Datasheet
3Mb / 4P
   Excellent phase noise performance
07.11.14
ASTXR-13-26.000MHZ-509764 ABRACON-ASTXR-13-26.000MHZ-509764 Datasheet
3Mb / 4P
   Excellent phase noise performance
07.23.14
ASTXR-12-26.000MHZ-511911 ABRACON-ASTXR-12-26.000MHZ-511911 Datasheet
3Mb / 4P
   Excellent phase noise performance
07.11.14
ASTXR-12-26.000MHZ-511741 ABRACON-ASTXR-12-26.000MHZ-511741 Datasheet
3Mb / 4P
   Excellent phase noise performance
07.11.14
logo
TXC Corporation.
BF-SERIES TXC-BF-SERIES Datasheet
966Kb / 1P
   Excellent low phase noise and jitter.
logo
TT Electronics.
PFC-A TTELEC-PFC-A Datasheet
351Kb / 2P
   Excellent high frequency characteristics
logo
SHIKUES Electronics
2SD2098 SKTECHNOLGY-2SD2098 Datasheet
3Mb / 4P
   Excellent DC current gain characteristics
logo
First Silicon Co., Ltd
FTB1386 FS-FTB1386 Datasheet
250Kb / 3P
   Excellent DC current gain characteristics
FTD2098 FS-FTD2098 Datasheet
245Kb / 3P
   Excellent DC current gain characteristics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com