Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF632 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # IRF632
Description  N-Channel Power MOSFETs, 12A, 150-200 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF632 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  IRF632 Datasheet HTML 1Page - Fairchild Semiconductor IRF632 Datasheet HTML 2Page - Fairchild Semiconductor IRF632 Datasheet HTML 3Page - Fairchild Semiconductor IRF632 Datasheet HTML 4Page - Fairchild Semiconductor IRF632 Datasheet HTML 5Page - Fairchild Semiconductor IRF632 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Similar Part No. - IRF632

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF632 NJSEMI-IRF632 Datasheet
106Kb / 3P
   N-Channel Power MOSFETs, 12 A, 150-200 V
IRF632 NJSEMI-IRF632 Datasheet
106Kb / 3P
   N-Channel Power MOSFETs, 12 A, 150-200 V
logo
Inchange Semiconductor ...
IRF632 ISC-IRF632 Datasheet
203Kb / 2P
   N-Channel Mosfet Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF632 ARTSCHIP-IRF632 Datasheet
155Kb / 6P
   N-Channel Power Mosfets
More results

Similar Description - IRF632

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF610 NJSEMI-IRF610 Datasheet
113Kb / 3P
   N-Channel Power MOSFETs 3.5 A, 150-200 V
MTP2N18 NJSEMI-MTP2N18 Datasheet
113Kb / 3P
   N-Channel Power MOSFETs 3.5 A, 150-200 V
MTP12N18 NJSEMI-MTP12N18 Datasheet
106Kb / 3P
   N-Channel Power MOSFETs, 12 A, 150-200 V
IRF230 NJSEMI-IRF230 Datasheet
106Kb / 3P
   N-Channel Power MOSFETs, 12 A, 150-200 V
2N6765 NJSEMI-2N6765 Datasheet
92Kb / 2P
   N-Channel Power MOSFETs 30 A,150 V/200 V
logo
Shindengen Electric Mfg...
P12FE7R5SBK SHINDENGEN-P12FE7R5SBK Datasheet
1Mb / 7P
   Power MOSFETs 75V, 12A, N-channel
logo
Fairchild Semiconductor
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
logo
Intersil Corporation
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com