Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14578EEWC Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14578EEWC
Description  USB Battery Charger Detectors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14578EEWC Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX14578EEWC Datasheet HTML 4Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 5Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 6Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 7Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 8Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 9Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 10Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 11Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
Maxim Integrated
USB Battery Charger Detectors
MAX14578E/MAX14578AE
Pin/Bump Configurations
Pin/Bump Description
TOP VIEW
(BUMP SIDE DOWN)
A
B
C
() MAX14578AE ONLY.
() MAX14578AE ONLY.
*CONNECT EP TO GND.
WLP
24
13
+
CD+
CD-
VB
INT
(LOUT)
GND
SCL
(EN)
SDA
(CE0)
CE1
TD+
TD-
BAT
CE2
MAX14578E/MAX14578AE
15
16
14
13
5
6
7
8
13
SCL
(EN)
4
12
10
9
TD-
N.C.
VB
BAT
CD-
GND
EP*
2
11
SDA
(CEO)
TQFN
MAX14578E
MAX14578AE
TOP VIEW
+
PIN
NAME
FUNCTION
MAX14578E
MAX14578AE
TQFN-EP
WLP
TQFN-EP
WLP
1
C1
1
C1
TD+
USB Transceiver D+ Connection
2, 3, 10, 16
2, 3, 16
N.C.
No Connection. Not internally connected.
4
A1
4
A1
CD+
USB Connector D+ Connection
5
B1
5
B1
GND
Ground
6
A2
6
A2
CD-
USB Connector D- Connection
7
C3
7
C3
BAT
Battery Connection Input. Connect a 1FF capacitor as close as
possible between BAT and GND.
8
A3
8
A3
VB
USB Connector VBUS Connection. Connect a 1FF capacitor
as close as possible between VB and GND for Q15kV ESD
protection.
9
A4
INT
Active-Low Interrupt Request, Open-Drain Output
9
A4
LOUT
+5.3V USB Transceiver VBUS Power Output. Connect a 1FF
capacitor as close as possible between LOUT and GND.
10
LOUT_SNS Connect Externally to LOUT (MAX14578AE, TQFN Only)
11
B4
11
B4
CE1
Charger-Enable Control 1, Open-Drain Output
12
C4
12
C4
CE2
Charger-Enable Control 2, Open-Drain Output
13
B3
SDA
I2C Serial-Data Input/Output. Connect SDA to an external pullup
resistor.
13
B3
CE0
Charger-Enable Control 0, Open-Drain Output
14
B2
EN
Active-Low Enable Input. Drive EN low to enable the charger ID
detection and close the USB switches after charger detection is
complete.


Similar Part No. - MAX14578EEWC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14578EEWC MAXIM-MAX14578EEWC Datasheet
2Mb / 23P
   USB Battery Charger Detectors
Rev 1; 2/12
MAX14578EEWC+T MAXIM-MAX14578EEWC+T Datasheet
1Mb / 23P
   USB Battery Charger Detectors
2014
More results

Similar Description - MAX14578EEWC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14578E MAXIM-MAX14578E Datasheet
2Mb / 23P
   USB Battery Charger Detectors
Rev 1; 2/12
MAX14578E MAXIM-MAX14578E_V01 Datasheet
1Mb / 23P
   USB Battery Charger Detectors
2014
MAX14576 MAXIM-MAX14576 Datasheet
988Kb / 12P
   USB Charger Detectors
Rev 5; 5/19
logo
Shanghai Consonance Ele...
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
   USB-Compatible Lithium Battery Charger
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3688 ANALOGICTECH-AAT3688_08 Datasheet
384Kb / 21P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com