Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14578AEEWC Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14578AEEWC
Description  USB Battery Charger Detectors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14578AEEWC Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14578AEEWC Datasheet HTML 1Page - Maxim Integrated Products MAX14578AEEWC Datasheet HTML 2Page - Maxim Integrated Products MAX14578AEEWC Datasheet HTML 3Page - Maxim Integrated Products MAX14578AEEWC Datasheet HTML 4Page - Maxim Integrated Products MAX14578AEEWC Datasheet HTML 5Page - Maxim Integrated Products MAX14578AEEWC Datasheet HTML 6Page - Maxim Integrated Products MAX14578AEEWC Datasheet HTML 7Page - Maxim Integrated Products MAX14578AEEWC Datasheet HTML 8Page - Maxim Integrated Products MAX14578AEEWC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
USB Battery Charger Detectors
MAX14578E/MAX14578AE
EVALUATION KIT AVAILABLE
19-5821; Rev 2; 9/12
Ordering Information/Selector Guide
General Description
The MAX14578E/MAX14578AE are USB charger detec-
tors compliant with USB Battery Charging Revision 1.1.
The USB charger-detection circuitry detects USB stan-
dard downstream ports (SDPs), USB charging down-
stream ports (CDPs), or dedicated charger ports (DCPs),
and controls an external lithium-ion (Li+) battery charger.
The devices implement USB Battery Charging Revision
1.1-compliant detection logic including data contact
detection, D+/D- short detection, charging downstream
port identification, and optional USB dead-battery charg-
ing support. Dead-battery charging support features a
45-minute (max) charge timer and weak battery voltage
monitor controlled by I2C communication (MAX14578E
only.) The MAX14578AE features an enable (EN) input
and an LDO output.
In addition, the internal USB switch is compliant to
Hi-Speed USB, full-speed USB, and low-speed USB
signals. The devices feature low on-resistance, low
on-resistance flatness, and very low capacitance. The
devices also feature high-ESD protection up to Q15kV
Human Body Model on the CD+ and CD- pins.
In addition, the MAX14578E/MAX14578AE feature Apple
and Sony charger detection that allows identification of
resistor-divider networks on D+/D-.
The MAX14578E/MAX14578AE are available in both a
12-bump, 0.4mm pitch, 1.3mm x 1.68mm WLP package
and 16-pin TQFN package, and operate over the -40NC
to +85NC extended temperature range.
Features
S
Compliant to USB Battery Charging Revision 1.1
S
Data Contact Detection for Foolproof Connector
Insertion Detection
S
USB Dead-Battery Charging Support
S
Charging Downstream Detection
S
Apple/Sony Charger Detection
S
Dedicated Charger Detection
S
China YD/T1591-Compliant Charger Detection
S
Internal Switches Isolate the USB Transceiver
During the Charger Detection Process
S
VBUS Connection Capable of 28V
S
Device Status Change Interrupt
S
Low Supply Current
S
High-ESD Protection on CD+ and CD-
±15kV Human Body Model
±8kV IEC 61000-4-2 Contact Discharge
Applications
DSC and Camcorder
Media Players
Cell Phones
e-Book Readers
Mobile Internet Devices (MIDs)
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
T = Tape and reel.
PART
I2C
EN
LDO
TEMP RANGE
PIN-PACKAGE
TOP MARK
MAX14578EEWC+T
Yes
No
No
-40NC to +85NC
12 WLP
+ABW
MAX14578EETE+T
Yes
No
No
-40NC to +85NC
16 TQFN-EP*
AJA
MAX14578AEEWC+T
No
Yes
Yes
-40NC to +85NC
12 WLP
+ABX
MAX14578AEETE+T
No
Yes
Yes
-40NC to +85NC
16 TQFN-EP*
AJB
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.


Similar Part No. - MAX14578AEEWC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14578AEEWC MAXIM-MAX14578AEEWC Datasheet
2Mb / 23P
   USB Battery Charger Detectors
Rev 1; 2/12
MAX14578AEEWC+T MAXIM-MAX14578AEEWC+T Datasheet
1Mb / 23P
   USB Battery Charger Detectors
2014
More results

Similar Description - MAX14578AEEWC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14578E MAXIM-MAX14578E Datasheet
2Mb / 23P
   USB Battery Charger Detectors
Rev 1; 2/12
MAX14578E MAXIM-MAX14578E_V01 Datasheet
1Mb / 23P
   USB Battery Charger Detectors
2014
MAX14576 MAXIM-MAX14576 Datasheet
988Kb / 12P
   USB Charger Detectors
Rev 5; 5/19
logo
Shanghai Consonance Ele...
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
   USB-Compatible Lithium Battery Charger
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3688 ANALOGICTECH-AAT3688_08 Datasheet
384Kb / 21P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com