Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5544JCX-75.0M-T250 Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # SM5544JCX-75.0M-T250
Description  SM55J Series 1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544JCX-75.0M-T250 Datasheet(HTML) 2 Page - Pletronics, Inc.

  SM5544JCX-75.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5544JCX-75.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5544JCX-75.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5544JCX-75.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5544JCX-75.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5544JCX-75.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5544JCX-75.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. SM5544JCX-75.0M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM55J Series 1.8 V
CMOS Clock Oscillators
March 2013
www.pletronics.com
425-776-1880
2
P ff.fff M
C YMDxx
P ff.fff M
C YYWWxx
P5xYWWx
C ff.fff M
PLE SM 55
ff.fff M
C YMDxx
5xYW W xx
ff.fff M
C PLExx
Part Number:
SM55
45
J
E
X
- 75.0M
-XX
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Frequency in M Hz
CC
Supply Voltage V
V = 1.8V +
_ 10%
Optional Enhanced OTR
Blank = Tem p. range -10 to +70 C
o
C = Tem p. range -20 to +70 C
o
E = Tem p. range -40 to +85 C
o
Series M odel
Frequency Stability
45 = +
_ 50 ppm
44 = +
_ 25 ppm
20 = +
_ 20 ppm
Series M odel
Part Marking and Legend:
PLE
= Pletronics
FF.FFF M
= Frequency in MHz
YYW W or YW W or YMD
= Date of Manufacture (year and week, or year-m onth-day)
All other m arking is internal factory codes
Specifications such as frequency stability, supply voltage and operating tem perature range, etc. are
not identified from the m arking. External packaging labels and packing list will correctly identify the
ordered Pletronics part num ber.
Codes for Date Code YM D
Code
10
1234
Code
A
B
CD
E
F
G
H
J
K
LM
Year 2010 2011 2012 2013 2014 Month JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC
Code
1
2
3
4
5
6
7
8
9
A
B
C
D
EF
G
Day
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Code
H
J
KL
M
N
P
RTU
V
W
XY
Z
Day
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31


Similar Part No. - SM5544JCX-75.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5544JCV-75.0M-T1K PLETRONICS-SM5544JCV-75.0M-T1K Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5544JCV-75.0M-T1K PLETRONICS-SM5544JCV-75.0M-T1K Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5544JCV-75.0M-T250 PLETRONICS-SM5544JCV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5544JCV-75.0M-T250 PLETRONICS-SM5544JCV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5544JCV-75.0M-T500 PLETRONICS-SM5544JCV-75.0M-T500 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
More results

Similar Description - SM5544JCX-75.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545JW-750M-T250 PLETRONICS-SM5545JW-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5545JV-750M-T250 PLETRONICS-SM5545JV-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com