Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5545MX-750M-T250 Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # SM5545MX-750M-T250
Description  SM55M Series 1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5545MX-750M-T250 Datasheet(HTML) 6 Page - Pletronics, Inc.

  SM5545MX-750M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5545MX-750M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5545MX-750M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5545MX-750M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5545MX-750M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5545MX-750M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5545MX-750M-T250 Datasheet HTML 7Page - Pletronics, Inc. SM5545MX-750M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM55M Series 1.8 V
CMOS Clock Oscillators
April 2010
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
A
0.197 +
_0.006
5.00 +
_0.15
B
0.126 +
_0.006
3.20 +
_0.15
C
0.045 +
_0.004
1.15 +
_0.10
D
1
0.048
1.23
E
1
0.100
2.54
F
1
0.004
0.10
G
1
0.050
1.27
H
1
0.055
1.40
Not to Scale
1 Typical dimensions
I
1
0.024
0.60
J
1
0.004
0.10R
K
1
0.008
0.020R
Contacts :
Gold 11.8 to 39.4 µinches (0.3 to 1.0 µm) over Nickel 50 to 350 µinches (1.27 to 8.89 µm)
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is logic low the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.


Similar Part No. - SM5545MX-750M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545MX PLETRONICS-SM5545MX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
More results

Similar Description - SM5545MX-750M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545MV-750M-T250 PLETRONICS-SM5545MV-750M-T250 Datasheet
94Kb / 8P
   SM55M Series 3.3 V CMOS Clock Oscillators
SM5545MW-750M-T250 PLETRONICS-SM5545MW-750M-T250 Datasheet
111Kb / 8P
   SM55M Series 2.5 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com