Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR-20045 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NR-20045
Description  Rugged Environment Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NR-20045 Datasheet(HTML) 2 Page - Amphenol Corporation

  NR-20045 Datasheet HTML 1Page - Amphenol Corporation NR-20045 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
North America:
Amphenol Industrial Operations
180 N. Freeport Drive, Plant 4
Nogales, AZ 85621
Tel: (520) 285-5130
Fax: (520) 285-5134
Email: rpedrazzini@amphenol-aio.com
Europe:
Amphenol Industrial Operations Europe
Via Barbaiana 5
1-20020 Lainate (MI) Italy
Tel: +39 02 93254.204
Fax: +39 02 93254.444
Email: info@amphenol-aio.com
Middle East:
Amphenol Middle East Enterprises FZE
Office C-37 PO Box 21107
Ajman Free Zone, UAE
Tel: +9716-7422494
Fax: +9716-7422941
Email: ameefze@eim.ae
Asia:
Amphenol Technology Shenzhen Ltd
Block 5 Fuan 2nd Industrial Park
Dayang Rd, Fuyong Baoan
Baoan, Shenzhen, China 518103
Tel; +86 755 2881 8389
Fax; +86 755 2991 8310
Email: enquiry@amphenol-aio.com
For further information on your individual application requirements, contact: Amphenol Corporation
*UL Approval Pending
All receptacles are supplied with threaded environmental dust cap
All plugs are supplied with mechanical clamp backshell and sealing grommets
All plugs are supplied less cover, however, are available as seperate component
Additional catalogs of interest:
• Star-line® & Star-line EX® Harsh Environment Connectors, please ask for Catalog 12-054
• Amphe-Power® family of connectors with RADSOK® Technology, please ask for Catalog SL-391
Markets:
• Oil Exploration Equipment
• Portable Power Distribution Equipment
• Convention Center Power Distribution
• Production Platforms
• Geophysical Trucks and Skids
• Communication Shelters
Notice: Specifications are subject to change without notice. Contact your nearest Amphenol Corporation Sales Office for the latest specifications. All statements, information and data given herein are believed to be accurate and reliable but are presented
without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements of suggestions concerning possible use of our products are made without representation or warranty that any such use is free of patent infringement and are not
recommendations to infringe any patent. The user should assume that all safety measures are indicated or that other measures may not be required. Specifications are typical and may not apply to all connectors.
AMPHENOL is a registered trademark of Amphenol Corporation.
The information contained in this data sheet is for reference only.
NEPTUNE CODE LOGIC
30amps
2w3p
NR-3023
NPE-3023
#10-#14
3w3p
NR-3033
NPE-3033
#10-#14
3w4p
NR-3034
NPE-3034
#10-#14
4w4p
NR-3044
NPE-3044
#10-#14
4w5p
NR-3045*
NPE-3045*
#10-#14
60 amps
2w3p
NR-6023
NPE-6023
#4-#8
3w3p
NR-6033
NPE-6033
#4-#8
3w4p
NR-6034
NPE-6034
#4-#8
4w4p
NR-6044
NPE-6044
#4-#8
4w5p
NR-6045*
NPE-6045*
#4-#8
100 amps
3w4p
NR-10034
NPE-10034
1/0-#2
4w4p
NR-10044
NPE-10044
1/0-#2
4w5p
NR-10045*
NPE-10045*
1/0-#2
150 amps
3w4p
NR-15034
NPE-10034
1/0-#2
4w4p
NR-15044
NPE-15044
1/0-#2
4w5p
NR-15045*
NPE-15045*
1/0-#2
200 amps
3w4p
NR-20034
NPE-20034
4/0-2/0
4w4p
NR-20044
NPE-20044
4/0-2/0
4w5p
NR-20045*
NPE-20045*
4/0-2/0
Receptacle
Mating Plug
Min/Max
Part Number
Part Number
Wire Size
NEPTUNE® PRODUCT SPECIFICATIONS
• Machined aluminum components heat resistant to 750º F
• Titanium colored Anodic plating
• Nickel Silver Alloy plated contacts
• Operating Temperature rated to -67º F to +225º F
• IP 68-8
• Resistant to 60 G’s; Vibration exceeds Mil-STD-167-1


Similar Part No. - NR-20045

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
NR-23158-000 KNOWLES-NR-23158-000 Datasheet
408Kb / 2P
   MICROPHONE
NR-23160-000 KNOWLES-NR-23160-000 Datasheet
177Kb / 2P
   MICROPHONE
NR-25994-000 KNOWLES-NR-25994-000 Datasheet
461Kb / 2P
   MICROPHONE
logo
NIHON DEMPA KOGYO
NR-2B NDK-NR-2B Datasheet
83Kb / 1P
   Crystal Units For High Precision Industry
NR-2B NDK-NR-2B Datasheet
705Kb / 1P
   High Precision Industry
More results

Similar Description - NR-20045

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-HEC2-MCC-4-W POWERDYNAMICS-PD-HEC2-MCC-4-W Datasheet
224Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC-FPC POWERDYNAMICS-PD-HEC-FPC Datasheet
229Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC2-MCC-4 POWERDYNAMICS-PD-HEC2-MCC-4 Datasheet
236Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-P POWERDYNAMICS-PD-HEC2-FPC-P Datasheet
211Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-P-W POWERDYNAMICS-PD-HEC2-FPC-P-W Datasheet
479Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC-FCC POWERDYNAMICS-PD-HEC-FCC Datasheet
189Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC-MCC POWERDYNAMICS-PD-HEC-MCC Datasheet
191Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC-FSC-16 POWERDYNAMICS-PD-HEC-FSC-16 Datasheet
135Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-S POWERDYNAMICS-PD-HEC2-FPC-S Datasheet
209Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
logo
Glenair, Inc.
257-012-2-10SL-5 GLENAIR-257-012-2-10SL-5 Datasheet
331Kb / 2P
   Environment Resistant Plug Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com