Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI503-EVB Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI503-EVB
Description  USB plug-in board that allows for evaluation of the Si50x family of CMEMS oscillators.
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI503-EVB Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI503-EVB Datasheet HTML 6Page - Silicon Laboratories SI503-EVB Datasheet HTML 7Page - Silicon Laboratories SI503-EVB Datasheet HTML 8Page - Silicon Laboratories SI503-EVB Datasheet HTML 9Page - Silicon Laboratories SI503-EVB Datasheet HTML 10Page - Silicon Laboratories SI503-EVB Datasheet HTML 11Page - Silicon Laboratories SI503-EVB Datasheet HTML 12Page - Silicon Laboratories SI503-EVB Datasheet HTML 13Page - Silicon Laboratories SI503-EVB Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Si501/2/3/4-EVB
10
Rev. 0.1
5. Current Sense Resistor
Figure 6. Current Sense Resistor Location
Each device site has a 1.0
 resistor in series with the VDD supply of that device. Both sides of that resistor are
connected to a set of test points. This test point pair can be used to measure the voltage across that supply
resistor, which indicates the supply current consumed by the respective device.
6. Outputs
Figure 7. SMA Outputs
Each device site output is connected to a SMA connector through a series resistor. J1 is the SMA connector output
of the on-board Si504, with J2 through J4 corresponding to evaluation sites U2 through U4.


Similar Part No. - SI503-EVB

ManufacturerPart #DatasheetDescription
logo
ifm electronic Ltd.
SI5000 IFM-SI5000 Datasheet
295Kb / 13P
   Operating instructions Flow monitors
SI5001 IFM-SI5001 Datasheet
295Kb / 13P
   Operating instructions Flow monitors
logo
Silicon Laboratories
SI500D SILABS-SI500D Datasheet
1Mb / 8P
   Highly reliable startup and operation
SI500S SILABS-SI500S Datasheet
79Kb / 6P
   Quartz-free, MEMS-free, and pll-free all-silicon oscillator Any output frequencies from 0.9 to 200 MHz
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
More results

Similar Description - SI503-EVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
[Old version datasheet]   The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
Cirrus Logic
CDB4334 CIRRUS-CDB4334 Datasheet
632Kb / 14P
   Evaluation Board for CS4334/8/9 Family of Products
logo
ON Semiconductor
AM306245R2MMGEVB ONSEMI-AM306245R2MMGEVB Datasheet
159Kb / 1P
   Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
AM305222R1DBGEVB ONSEMI-AM305222R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305222R1DBGEVB Evaluation Board
AM305212R1DBGEVB ONSEMI-AM305212R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305212R1DBGEVB Evaluation Board
logo
National Semiconductor ...
LMH6517EVAL-R1 NSC-LMH6517EVAL-R1 Datasheet
3Mb / 10P
   Evaluation Board is designed to aid in the characterization of National
logo
Aries Electronics, Inc.
XX-666000-00 ARIES-XX-666000-00 Datasheet
501Kb / 1P
   Allows the use of a narrow package IC in place of a wide one
logo
Maxim Integrated Produc...
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
   Easy Evaluation of the MAX35103
Rev 0; 3/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com