Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI8353RT Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NI8353RT
Description  Rack-Mount 1U 2.4 GHz Dual-/Quad-Core Controllers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI8353RT Datasheet(HTML) 3 Page - National Instruments Corporation

  NI8353RT Datasheet HTML 1Page - National Instruments Corporation NI8353RT Datasheet HTML 2Page - National Instruments Corporation NI8353RT Datasheet HTML 3Page - National Instruments Corporation NI8353RT Datasheet HTML 4Page - National Instruments Corporation NI8353RT Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications
Specifications subject to change without notice.
Electrical
AC Input
Input voltage range.............................
100 to 240 VAC
Operating voltage range .....................
90 to 264 VAC
Input frequency ...................................
50/60 Hz
Operating frequency range .................
47 to 63 Hz
Input current rating .............................
5 A max
Power disconnect................................
The AC power cable provides
main power disconnect.
Depressing the front panel
power switch enables or inhibits
the internal power supply.
Mainboard
Socket..................................................
LGA 775
Chipset ................................................
Intel 3000 chipset, supports
533/800/1066 MHz FSB, 8 GB
dual-channel DDR2 memory
Memory slots ......................................
4 240-pin DIMM slots,
2 per channel
PCI/PCI Express ...................................
1 PCI Express x8 slot
or 1 PCI 32-bit slot
(both risers included)
SATA....................................................
4 (compliant with the Serial ATA
2.0 specification; maximum
data rate of 300 MB/s)
IDE .......................................................
1 primary connector and
1 CompactFlash card connector
(if the CompactFlash card
connector is populated, the
primary connector is available
for 1 device only; otherwise, the
primary connector can connect
multiple devices)
Hi-Speed USB .....................................
4 ports
Keyboard .............................................
1 PS/2 port
Mouse .................................................
1 PS/2 port
Video ...................................................
1 VGA port, onboard ATI ES
1000 with 16 MB SDRAM
Serial ...................................................
1 (RS232) port
LAN......................................................
2 RJ45 jacks
Onboard LAN.......................................
1 Intel 82573V/L gigabit
Ethernet controller
CPU
CPU......................................................
Intel Core 2 Duo (NI 8352)/
Core 2 Quad (NI 8353)
Clock speed .........................................
2.40 GHz
Front side bus speed...........................
1066 MHz
L2 cache ..............................................
4/8 MB
Hard Disk Drive
Capacity...............................................
250 GB in 1-, 2-,
or 4-drive configurations
for maximum capacity of 1 TB
Interface ..............................................
Serial ATA
Memory
Standard..............................................
2 x 512 MB (32 M x 64 bits),
DDR2 SDRAM, ECC 667 MHz,
unbuffered, 240-pin DIMMs
2 GB upgrade ......................................
Standard memory plus 2 x 1 GB
(128 M x 64 bits), DDR2
SDRAM, ECC 533 MHz,
unbuffered, 240-pin DIMMs
4 GB upgrade ......................................
4 x 1 GB (128 M x 64 bits),
DDR2 SDRAM, ECC 667 MHz,
unbuffered, 240-pin DIMMs
Mechanical
Overall dimensions (standard chassis)
Height..................................................
43 mm (1.70 in.)
Width...................................................
437 mm (17.2 in.)
Depth...................................................
503 mm (19.8 in.)
Weight.................................................
8.6 kg (19.0 lb)
Environmental
Operating temperature
NI 8352 ...........................................
5 to 40 °C
NI 8353 ...........................................
5 to 35 °C
Storage temperature...........................
-10 to 60 °C
Relative humidity
Operating ........................................
10 to 90% noncondensing
Nonoperating (storage)...................
5 to 95% nonconducting
Operating location ..............................
Indoor use
Altitude................................................
2,000 m
Installation category ...........................
II
Pollution degree ..................................
2
Rack-Mount 1U 2.4 GHz Dual-/Quad-Core Controllers for PXI and PXI Express
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)


Similar Part No. - NI8353RT

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
NI8-G12-ADZ32X TURCK-NI8-G12-ADZ32X Datasheet
337Kb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
NI8-G12-ADZ32X-B3131 TURCK-NI8-G12-ADZ32X-B3131 Datasheet
360Kb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
NI8-G12-AN6X-H1141 TURCK-NI8-G12-AN6X-H1141 Datasheet
347Kb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
NI8-G12-RDZ32X-B3131 TURCK-NI8-G12-RDZ32X-B3131 Datasheet
350Kb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
NI8-G12K-AD4X TURCK-NI8-G12K-AD4X Datasheet
328Kb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
More results

Similar Description - NI8353RT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-8860 ETC2-FW-8860 Datasheet
212Kb / 2P
   1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
logo
AAEON Technology
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core??Network Appliance
CRS-700M-4R AAEON-CRS-700M-4R_15 Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core Network Appliance
logo
Keysight Technologies
M9036A KEYSIGHT-M9036A Datasheet
640Kb / 9P
   Intel Core i5-520E 2.4 GHz
logo
National Instruments Co...
NIPXI-8110RT NI-NIPXI-8110RT Datasheet
107Kb / 6P
   2.26 GHz Intel Core 2 Quad Real-Time Embedded Controllers for PXI
logo
Johanson Technology Inc...
2450AT42E0100 JOHANSON-2450AT42E0100 Datasheet
371Kb / 4P
   2.4 GHz Surface Mount
2450AT42E010B JOHANSON-2450AT42E010B Datasheet
370Kb / 4P
   2.4 GHz Surface Mount
logo
Tripp Lite. All Rights ...
B021-02R-17 TRIPPLITE-B021-02R-17 Datasheet
528Kb / 3P
   1U Rack-Mount Console with 17-in. LCD, Dual Rail
B0180001P5 TRIPPLITE-B0180001P5 Datasheet
161Kb / 2P
   1U Rack-Mount Device Rack Extension Bracket, 1.5 in.
logo
Advantech Co., Ltd.
SYS-1U1010-4A01 ADVANTECH-SYS-1U1010-4A01 Datasheet
265Kb / 1P
   1U Intel짰 Core?? Quad ATX/ LGA771 Xeon LV System
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com