Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF441 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # IRF441
Description  N-Channel Power MOSFETs, 8A, 450 V/500V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF441 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  IRF441 Datasheet HTML 1Page - Fairchild Semiconductor IRF441 Datasheet HTML 2Page - Fairchild Semiconductor IRF441 Datasheet HTML 3Page - Fairchild Semiconductor IRF441 Datasheet HTML 4Page - Fairchild Semiconductor IRF441 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - IRF441

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF441 SAMSUNG-IRF441 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF441 NJSEMI-IRF441 Datasheet
137Kb / 3P
   N-CHANNEL POWER MOSFETS
logo
ARTSCHIP ELECTRONICS CO...
IRF441 ARTSCHIP-IRF441 Datasheet
271Kb / 5P
   N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF441-F2 ISC-IRF441-F2 Datasheet
200Kb / 2P
   N-Channel MOSFET Transistor
logo
Nell Semiconductor Co.,...
IRF4410 NELLSEMI-IRF4410 Datasheet
699Kb / 9P
   N-Channel Power MOSFET
More results

Similar Description - IRF441

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
   8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
   8A, 500V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
MTM4N45 NJSEMI-MTM4N45 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
logo
Fairchild Semiconductor
IRF420-423 FAIRCHILD-IRF420-423 Datasheet
157Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
New Jersey Semi-Conduct...
MTP4N45 NJSEMI-MTP4N45 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
   500V, 8A N-Channel MOSFET
logo
Unisonic Technologies
UF840 UTC-UF840 Datasheet
172Kb / 8P
   8A, 500V, 0.85ohm, N-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P8F28HP2 SHINDENGEN-P8F28HP2 Datasheet
2Mb / 8P
   Power MOSFETs 280V, 8A, N-channel
P8FE10SBK SHINDENGEN-P8FE10SBK Datasheet
1Mb / 7P
   Power MOSFETs 100V, 8A, N-channel
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
   8A 500V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com