Electronic Components Datasheet Search |
|
DE1F3KH102ZB5A Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd. |
|
DE1F3KH102ZB5A Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd. |
8 / 83 page C85E.pdf Jul.13,2011 6 1 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. Lead Spacing F=7.5mm Part Number AC Rated Voltage (Vac) Temp. Char. Capacitance (pF) Body Dia. D (mm) Lead Spacing F (mm) Body Thickness T (mm) Lead Package Long Bulk Lead Package Short Bulk Lead Package Taping (1) DE21XKY100JpppM02 250 SL 10 ±5% 8 max. 7.5 5.0 max. A3B B3B N3A DE21XKY150JpppM02 250 SL 15 ±5% 8 max. 7.5 5.0 max. A3B B3B N3A DE21XKY220JpppM02 250 SL 22 ±5% 8 max. 7.5 5.0 max. A3B B3B N3A DE21XKY330JpppM02 250 SL 33 ±5% 8 max. 7.5 5.0 max. A3B B3B N3A DE21XKY470JpppM02 250 SL 47 ±5% 8 max. 7.5 5.0 max. A3B B3B N3A DE21XKY680JpppM02 250 SL 68 ±5% 8 max. 7.5 5.0 max. A3B B3B N3A DE2B3KY101KpppM02 250 B 100 ±10% 7 max. 7.5 5.0 max. A3B B3B N3A DE2B3KY151KpppM02 250 B 150 ±10% 7 max. 7.5 5.0 max. A3B B3B N3A DE2B3KY221KpppM02 250 B 220 ±10% 7 max. 7.5 5.0 max. A3B B3B N3A DE2B3KY331KpppM02 250 B 330 ±10% 7 max. 7.5 5.0 max. A3B B3B N3A DE2B3KY471KpppM02 250 B 470 ±10% 7 max. 7.5 5.0 max. A3B B3B N3A DE2B3KY681KpppM02 250 B 680 ±10% 8 max. 7.5 5.0 max. A3B B3B N3A DE2E3KY102MpppM02 250 E 1000 ±20% 7 max. 7.5 5.0 max. A3B B3B N3A DE2E3KY152MpppM02 250 E 1500 ±20% 7 max. 7.5 5.0 max. A3B B3B N3A DE2E3KY222MpppM02 250 E 2200 ±20% 8 max. 7.5 5.0 max. A3B B3B N3A DE2E3KY332MpppM02 250 E 3300 ±20% 9 max. 7.5 5.0 max. A3B B3B N3A DE2E3KY472MpppM02 250 E 4700 ±20% 10 max. 7.5 5.0 max. A3B B3B N3A DE2F3KY103MpppM02 250 F 10000 ±20% 14 max. 7.5 5.0 max. A3B B3B N3A Three blank columns are filled with the lead and packaging codes. Please refer to the 3 columns on the right for the appropriate code. Individual specification code "M02" expresses "simplicity marking and guarantee of dielectric strength between lead wires: AC2600V." Murata part numbers might be changed depending on lead code or any other changes. Therefore, please specify only the type name (KY) and capacitance of products in the parts list when it is required for applying safety standard of electric equipment. Lead Spacing F=5mm Part Number AC Rated Voltage (Vac) Temp. Char. Capacitance (pF) Body Dia. D (mm) Lead Spacing F (mm) Body Thickness T (mm) Lead Package Long Bulk Lead Package Short Bulk Lead Package Taping (1) DE21XKY100JpppM01 250 SL 10 ±5% 8 max. 5.0 5.0 max. A2B B2B N2A DE21XKY150JpppM01 250 SL 15 ±5% 8 max. 5.0 5.0 max. A2B B2B N2A DE21XKY220JpppM01 250 SL 22 ±5% 8 max. 5.0 5.0 max. A2B B2B N2A DE21XKY330JpppM01 250 SL 33 ±5% 8 max. 5.0 5.0 max. A2B B2B N2A DE21XKY470JpppM01 250 SL 47 ±5% 8 max. 5.0 5.0 max. A2B B2B N2A DE21XKY680JpppM01 250 SL 68 ±5% 8 max. 5.0 5.0 max. A2B B2B N2A DE2B3KY101KpppM01 250 B 100 ±10% 7 max. 5.0 5.0 max. A2B B2B N2A DE2B3KY151KpppM01 250 B 150 ±10% 7 max. 5.0 5.0 max. A2B B2B N2A DE2B3KY221KpppM01 250 B 220 ±10% 7 max. 5.0 5.0 max. A2B B2B N2A DE2B3KY331KpppM01 250 B 330 ±10% 7 max. 5.0 5.0 max. A2B B2B N2A DE2B3KY471KpppM01 250 B 470 ±10% 7 max. 5.0 5.0 max. A2B B2B N2A DE2B3KY681KpppM01 250 B 680 ±10% 8 max. 5.0 5.0 max. A2B B2B N2A DE2E3KY102MpppM01 250 E 1000 ±20% 7 max. 5.0 5.0 max. A2B B2B N2A DE2E3KY152MpppM01 250 E 1500 ±20% 7 max. 5.0 5.0 max. A2B B2B N2A DE2E3KY222MpppM01 250 E 2200 ±20% 8 max. 5.0 5.0 max. A2B B2B N2A DE2E3KY332MpppM01 250 E 3300 ±20% 9 max. 5.0 5.0 max. A2B B2B N2A DE2E3KY472MpppM01 250 E 4700 ±20% 10 max. 5.0 5.0 max. A2B B2B N2A Three blank columns are filled with the lead and packaging codes. Please refer to the 3 columns on the right for the appropriate code. Individual specification code "M01" expresses "simplicity marking and guarantee of dielectric strength between lead wires: AC2000V." Murata part numbers might be changed depending on lead code or any other changes. Therefore, please specify only the type name (KY) and capacitance of products in the parts list when it is required for applying safety standard of electric equipment. |
Similar Part No. - DE1F3KH102ZB5A |
|
Similar Description - DE1F3KH102ZB5A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |