Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC5061M44 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # ILC5061M44
Description  Power Supply reset Monitor with 1% Precision
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5061M44 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  ILC5061M44 Datasheet HTML 1Page - Fairchild Semiconductor ILC5061M44 Datasheet HTML 2Page - Fairchild Semiconductor ILC5061M44 Datasheet HTML 3Page - Fairchild Semiconductor ILC5061M44 Datasheet HTML 4Page - Fairchild Semiconductor ILC5061M44 Datasheet HTML 5Page - Fairchild Semiconductor ILC5061M44 Datasheet HTML 6Page - Fairchild Semiconductor ILC5061M44 Datasheet HTML 7Page - Fairchild Semiconductor ILC5061M44 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
1/2/03 0.0m 001
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
ILC5061
PRODUCT SPECIFICATION
Note 1: Last digit in the "Top Marking" information (represented by "Y" in the above table) represents internal assembly lot
number
Note 2: Orientation of Tape & Reeled devices is Right.
PART
NUMBER
TOP
MARKING
RESET
THRESHOLD (V)
OUTPUT
TYPE
PACKAGE
PACKING
METHOD
ILC5061AIC23X
M3AY
2.3 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061AIC25X
M5AY
2.5 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061AIC26X
M6AY
2.6 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061AIC27X
M7AY
2.7 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061AIC28X
M8AY
2.8 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061AIC29X
M9AY
2.9 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061AIC31X
N1AY
3.1 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061AIC32X
N2AY
3.2 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061AIC34X
N4AY
3.4 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061AIC37X
N7AY
3.7 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061AIC44X
P4AY
4.4 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061AIC46X
P6AY
4.6 ± 1 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC23X
M3Y
2.3 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC25X
M5Y
2.5 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC26X
M6Y
2.6 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC27X
M7Y
2.7 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC28X
M8Y
2.8 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC29X
M9Y
2.9 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC31X
N1Y
3.1 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC32X
N2Y
3.2 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC34X
N4Y
3.4 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC37X
N7Y
3.7 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC44X
P4Y
4.4 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
ILC5061IC46X
P6Y
4.6 ± 2 %
Open-Drain, active low
3-Pin, SC70
3K units in T&R
Ordering Information


Similar Part No. - ILC5061M44

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC5061M-26 IMPALA-ILC5061M-26 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061M-27 IMPALA-ILC5061M-27 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061M-28 IMPALA-ILC5061M-28 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061M-29 IMPALA-ILC5061M-29 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061M-31 IMPALA-ILC5061M-31 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
More results

Similar Description - ILC5061M44

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
   SOT-23 Power Supply reset Monitor with 1% precision
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
   Power Supply Monitor with Reset
REV. 0
ADM709 AD-ADM709 Datasheet
224Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com