Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRIO-9423 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # CRIO-9423
Description  CompactRIO Digital Input and Counter/Timer Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

CRIO-9423 Datasheet(HTML) 2 Page - National Instruments Corporation

  CRIO-9423 Datasheet HTML 1Page - National Instruments Corporation CRIO-9423 Datasheet HTML 2Page - National Instruments Corporation CRIO-9423 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CompactRIO
Accessories and Cables
380
BUY ONLINE or CALL (866) 265-9891! Visit ni.com
11
SH68-C68-S Cable – for connecting an
NI cRIO-9151 R Series expansion chassis
to the digital port on a PCI or PXI
R Series device. You can connect up to
two cRIO-9151 chassis to an NI 7831R
device, and up to four cRIO-9151 chassis
to a PXI-7811R device.
Note: Use only the SH68-C68-S digital cable with the cRIO-9151 chassis.
DIN-Rail Mounting Kits – for mounting
4 or 8-slot CompactRIO embedded chassis
or cRIO-9151 R Series expansion chassis to
any standard 35 mm DIN rail. For high
shock and vibration applications, NI recommends a panel mounting
configuration rather than DIN rail. Panel mounting holes are built
into all CompactRIO Chassis. For detailed mounting instructions,
refer to the CompactRIO Installation Instructions manual for
your chassis.
Power Supplies
NI offers a variety of UL approved
industrial power supplies. The PS-5 is a
DIN-rail-mountable 24 VDC power
supply that provides 5 A of current and is
rated for operation from -25 to 60 °C.
Two PS-5 supplies can be wired in
parallel to provide up to 10 A. The PS-5 is
recommended for heavy-duty industrial
installations. The PS-4 is a DIN-rail-
mountable 24 V power supply in FieldPoint packaging. The PS-3 and
PS-2 are power supply “bricks” with a universal IEC power input.
The PS-3 can also operate as a float charger for 12 VDC batteries. The
PS-1 is a wall-mount power supply.
Connectivity Accessories
The CompactRIO system is designed to provide flexible options
for low cost field wiring and cabling. The cRIO-9932 kit provides
strain relief and operator protection from high-voltage signals for
any 10-position screw terminal module. The cRIO-9935 (or other
15-pin D-Sub connector) is required for use with the cRIO-9411
module. The cRIO-9935 includes a screw terminal connector with
strain relief as well as a D-Sub solder cup backshell for creating
custom cable assemblies. The cRIO-9936 consists of 10 screw
terminal plugs for any 10-position screw terminal module. The
cRIO-9937 consists of ten 4-position power supply plugs for
CompactRIO real-time controllers.
Note: To meet shock and vibration requirements, you must affix
ferrules to the ends of the wires on all screw terminal connectors.
Visit ni.com/compactrio for up-to-date information on availability
of accessories.
For ordering information, see page 381.
cRIO-9912
DIN-rail mounting kit for 4-slot CompactRIO chassis
(embedded or expansion)
cRIO-9915
DIN-rail mounting kit for 8-slot CompactRIO chassis
(embedded or expansion)
Power Supply
Output Capacity
Input Voltage
PS-1
20 VDC, 0.8 A
120 VAC
PS-2
24 VDC, 0.8 A
Japan 100 VAC/US 120 VAC
North American 240 VAC
PS-3
13.8 VDC, 4 A
Japan 100 VAC/US 120 VAC
North American 240 VAC
PS-4
24 VDC, 0.625 A
UPI
PS-5
24 VDC, 5 A
UPI
cRIO-9935 15-Pin Connector Kit
Product
Description
cRIO-9932
Strain relief and high-voltage connector kit, 10-position screw-terminal
cRIO-9933
37-pin connector kit with strain relief
cRIO-9934
25-pin connector kit with strain relief
cRIO-9935
15-pin connector kit with strain relief
cRIO-9936
10-position screw-terminal plugs (quantity 10)
cRIO-9937
4-position controller power supply plugs (quantity 10)
cRIO-9936 10-position
screw terminal plugs
cRIO-9937
Power Supply Plugs
cRIO-9932 Strain Relief and
High-Voltage Connector Kit


Similar Part No. - CRIO-9423

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
CRIO-900X NI-CRIO-900X Datasheet
468Kb / 4P
   Small, rugged, high-reliability embedded real-time processor for intelligent stand-alone operation
CRIO-9012 NI-CRIO-9012 Datasheet
117Kb / 4P
   CompactRIO High-Performance Real-Time Controllers
CRIO-9014 NI-CRIO-9014 Datasheet
117Kb / 4P
   CompactRIO High-Performance Real-Time Controllers
CRIO-907X NI-CRIO-907X Datasheet
721Kb / 2P
   Lower cost systems for high-volume OEM applications
More results

Similar Description - CRIO-9423

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9401 NI-NI9401 Datasheet
451Kb / 5P
   C Series Digital Input and Counter/Timer Modules
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
   COUNTER TIMER
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
   Timer Counter
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
   Timer, Counter
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
   Counter/Timer/Tachometer
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
logo
National Semiconductor ...
LM2240 NSC-LM2240 Datasheet
190Kb / 10P
   Programmable Timer/Counter
logo
Pepperl+Fuchs Inc.
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
logo
Zilog, Inc.
Z84C3006PEC ZILOG-Z84C3006PEC Datasheet
840Kb / 16P
   COUNTER/TIMER CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com