Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCC6W6 Datasheet(PDF) 9 Page - HB Electronic Components

Part # PLCC6W6
Description  Emitting Color White Lens Type Yellow Diffused
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6W6 Datasheet(HTML) 9 Page - HB Electronic Components

Back Button PLCC6W6 Datasheet HTML 4Page - HB Electronic Components PLCC6W6 Datasheet HTML 5Page - HB Electronic Components PLCC6W6 Datasheet HTML 6Page - HB Electronic Components PLCC6W6 Datasheet HTML 7Page - HB Electronic Components PLCC6W6 Datasheet HTML 8Page - HB Electronic Components PLCC6W6 Datasheet HTML 9Page - HB Electronic Components PLCC6W6 Datasheet HTML 10Page - HB Electronic Components PLCC6W6 Datasheet HTML 11Page - HB Electronic Components PLCC6W6 Datasheet HTML 12Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
.
Part No./型号:PLCC6W6
www.ledz.com
9/12
LED SPECIFICATION
10、Notes/注意
10.1 Moisture Proof Packaging/防潮包装
10.1.1 LEDs need to package in moisture proof bag. When moisture is absorbed into the SMT
package it may vaporize and expand during soldering. There is a possibility that this can cause
exfoliation of the contacts and damage to the optical characteristics of the LEDs. For this reason,
the moisture proof bag is used to keep moisture to a minimum in the bag.
产品必须包封装在防潮包装袋中。当湿气进入防潮包装袋的时候,在焊接时,湿气会
受热汽化膨胀,从而可能影响产品的光学特性,甚至造成封装胶体的开裂剥离。因此,防
潮袋要求放置在保持低湿度的盒中。
10.1.2 Moisture proof function is inactive. The moisture proof bag is made of an aluminum
moisture proof bag. A package of a moisture absorbent material (silica gel) is inserted into the
aluminum moisture proof bag. The silica gel turns the smashing from the transparent circular
spherical pellet.
防潮的作用是缓慢的。防潮袋使用铝防潮袋,并在铝防潮袋中放入潮气吸收材料(硅
胶干燥剂)。当硅胶干燥剂吸收潮气后,硅胶干燥剂从透明圆形球状颗粒变成粉碎物。
10.2 Storage Method/储存方式
10.2.1 Before opening the bag: The LEDs should be used within a year and kept at 30℃ or less and
70%RH or less. The moisture proof bag with absorbent material is needed when storing the
LEDs.
拆开包装袋之前:产品可以使用一年,但要求放置在温度低于30℃,湿度低于70%的环
境中;当存放产品时,必须放置在带有干燥剂的防潮容器中。
10.2.2 After opening the bag: The LEDs should be soldered within 72 hours after opening the
package. If unused LEDs remain, they should be stored in moisture proof bags with moisture
absorbent material. If the LEDs have exceeded the storage time or the moisture absorbent
material has faded away. Baking process should be performed by using more than 24hours
baking at 60±5℃ before using LEDs. It recommended that the user use the LEDs as soon as
possible.
PDF created with pdfFactory Pro trial version www.pdffactory.com


Similar Part No. - PLCC6W6

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC6W3 HB-PLCC6W3 Datasheet
204Kb / 12P
   Emitting Color White Lens Type Yellow Diffused
More results

Similar Description - PLCC6W6

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC6W3 HB-PLCC6W3 Datasheet
204Kb / 12P
   Emitting Color White Lens Type Yellow Diffused
logo
STANLEY ELECTRIC CO.,LT...
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
logo
LUMEX INC.
SSF-LXH240YGWID LUMEX-SSF-LXH240YGWID Datasheet
59Kb / 1P
   BI-COLOR YELLOW/GREEN MILKY WHITE LENS
logo
STANLEY ELECTRIC CO.,LT...
VFHY1104P-4C42D-TR STANLEY-VFHY1104P-4C42D-TR Datasheet
682Kb / 21P
   1608 Size, water clear lens, Emitting color : Yellow
VFHD1104P-4BY2B-TR STANLEY-VFHD1104P-4BY2B-TR Datasheet
681Kb / 21P
   1608 Size, water clear lens, Emitting color : Yellow Green
logo
LUMEX INC.
SSL-LX5099YGW-R LUMEX-SSL-LX5099YGW-R Datasheet
132Kb / 1P
   T-5mm LED, YELLOW GREEN BICOLOR, MILKY WHITE DIFFUSED LENS
SSL-LX5099YGW LUMEX-SSL-LX5099YGW Datasheet
96Kb / 1P
   T-5mm LED, YELLOW GREEN BICOLOR, MILKY WHITE DIFFUSED LENS
SSL-LX5099YGW-CA LUMEX-SSL-LX5099YGW-CA Datasheet
89Kb / 1P
   T-5mm LED, YELLOW GREEN BICOLOR, MILKY WHITE DIFFUSED LENS
logo
List of Unclassifed Man...
LEDW47-66-60-120 ETC2-LEDW47-66-60-120 Datasheet
75Kb / 1P
   Flat Lens Type White Color Light Illuminato
logo
Unity Opto Technology
MVL-381G UOT-MVL-381G Datasheet
39Kb / 3P
   Standard color diffused plastic lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com