Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOX-1-161503G Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # MOX-1-161503G
Description  Precision Thick Film Axial Terminal High Voltage/High Resistance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MOX-1-161503G Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  MOX-1-161503G Datasheet HTML 1Page - Ohmite Mfg. Co. MOX-1-161503G Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
78
Maxi-Mox
Precision Thick Film Axial Terminal
High Voltage/High Resistance
Ohmite
Resistance
Power
Voltage
Available
Capacitance
Series
Range (
Ω)
@70°C
Rating
Tolerances*
(pf)
• High-temperature (silicone coated)
MOX-1-12
250
Ω to 300,000M
2.5W
10.0KV
1% to 20%
0.75
MOX-2-12
500
Ω to 700,000M
5.0W
20.0KV
1% to 20%
0.60
MOX-3-12
750
Ω to 1,000,000M
7.5W
30.0KV
1% to 20%
0.50
MOX-4-12
1K to 1,000,000M
10.0W
40.0KV
1% to 20%
0.40
MOX-5-12
1.25K to 1,000,000M
12.5W
50.0KV
1% to 20%
0.30
• Standard (epoxy coated)
@25°C
MOX-1-13
250
Ω to 300,000M
2.0W
10.0KV
0.1% to 20%
0.75
MOX-2-13
500
Ω to 700,000M
3.0W
20.0KV
0.1% to 20%
0.60
MOX-3-13
750
Ω to 1,000,000M
4.0W
30.0KV
0.1% to 20%
0.50
MOX-4-13
1K to 1,000,000M
5.0W
40.0KV
0.1% to 20%
0.40
MOX-5-13
1.25K to 1,000,000M
6.0W
50.0KV
0.1% to 20%
0.30
*Some tolerances are not available over the entire resistance range.
100
Ambient Temperature,
°C
60
20
0
0
100
50
175
80
40
110
°
25
75
125
150
200
210
°
Epoxy
Silicone
225
70
°
dera ting
Maxi-Mox resistors
are also versatile.
Suitable for indus-
trial applications
requiring still more
power for high
voltage switching,
industrial control,
and high voltage
current limiting.
Uncoated,
non-inductive
Fea tures
•Wideresistanceranges
•Voltageratingto50KV
•Powerratingto12.5watts
•Siliconeorepoxycoating
•Non-inductiveavailable
a pplica tions
•HVpowersupplies
•Powerdistribution
•Medicalinstrumentation
•Avionics
series speci F ications
characteristics
Core Alumina
Resistor Thick Film
Terminal RoHS solder composition is 96% Sn, 3.5% Ag,
0.5% Cu
Resistance Range 250
Ω to 1 Teraohm
Power Rating 2.0W to 12.5W
Voltage Rating 10KV to 50KV
Tolerance 0.5% to 20%; not all tolerances available in all
values
Operating Temperature -55°C to +210°C
Temperature
Coefficient
25ppm/°C 0° to 85°C available
THICK FILM
AXIAL
Standard
coated


Similar Part No. - MOX-1-161503G

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX-1-161006DE OHMITE-MOX-1-161006DE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-161006FE OHMITE-MOX-1-161006FE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-161006GE OHMITE-MOX-1-161006GE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-161006JE OHMITE-MOX-1-161006JE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-161006KE OHMITE-MOX-1-161006KE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
More results

Similar Description - MOX-1-161503G

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX-750231005FE OHMITE-MOX-750231005FE Datasheet
213Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-121006DE OHMITE-MOX-1-121006DE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1N-131006FE OHMITE-MOX-1N-131006FE Datasheet
157Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX200021006DE OHMITE-MOX200021006DE Datasheet
173Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-12 OHMITE-MOX-1-12 Datasheet
293Kb / 2P
   Precision Thick Film Axial Terminal High Voltage
MOX-200001003BER OHMITE-MOX-200001003BER Datasheet
170Kb / 1P
   0.25 Watt and 0.5 Watt Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-F-011006DE OHMITE-MOX-F-011006DE Datasheet
147Kb / 1P
   Precision Power Thick Film High Voltage/High Resistance Tubular
MC102821001JE OHMITE-MC102821001JE Datasheet
158Kb / 1P
   High Voltage/High Resistance Precision Thick Film Surface Mount
MC101 OHMITE-MC101 Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
logo
Stackpole Electronics, ...
HGC SEI-HGC Datasheet
239Kb / 4P
   Thick Film Precision High Resistance Chip Resistor
11/18/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com