Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-2RKF27R4X Datasheet(PDF) 3 Page - Texas Instruments

Part # ERJ-2RKF27R4X
Description  evaluation of the features of the TAS5548 PWM digital audio processor.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ERJ-2RKF27R4X Datasheet(HTML) 3 Page - Texas Instruments

  ERJ-2RKF27R4X Datasheet HTML 1Page - Texas Instruments ERJ-2RKF27R4X Datasheet HTML 2Page - Texas Instruments ERJ-2RKF27R4X Datasheet HTML 3Page - Texas Instruments ERJ-2RKF27R4X Datasheet HTML 4Page - Texas Instruments ERJ-2RKF27R4X Datasheet HTML 5Page - Texas Instruments ERJ-2RKF27R4X Datasheet HTML 6Page - Texas Instruments ERJ-2RKF27R4X Datasheet HTML 7Page - Texas Instruments ERJ-2RKF27R4X Datasheet HTML 8Page - Texas Instruments ERJ-2RKF27R4X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Headphones
3.5-mm Plug
USB Micro-
Controller
www.ti.com
EVM Setup and Software Installation
2
EVM Setup and Software Installation
This section describes the EVM setup and software installation.
2.1
EVM Setup
Figure 3. General Connection Picture
The following are the basic hardware for the initial EVM power up:
Desktop or laptop PC running either Windows® XP or Windows 7
Headphones set with 3.5-mm plug
USB micro type B cable
When the USB cable is plugged in from the PC to the EVM, 3.3-V LED (green) and USB Lock LED (blue)
are illuminated. These indicators show that the EVM is working correctly.
3
SLOU351B – October 2012 – Revised August 2013
TAS5548-5558EVM
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated


Similar Part No. - ERJ-2RKF27R4X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ERJ-2RKF27R0X IDT-ERJ-2RKF27R0X Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
ERJ-2RKF27R0X IDT-ERJ-2RKF27R0X Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
ERJ-2RKF27R0X IDT-ERJ-2RKF27R0X Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
More results

Similar Description - ERJ-2RKF27R4X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Maxim Integrated Produc...
DS28E80EVKIT MAXIM-DS28E80EVKIT Datasheet
5Mb / 28P
   Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Maxim Integrated Produc...
MAXQ1065EVKIT MAXIM-MAXQ1065EVKIT Datasheet
5Mb / 9P
   Demonstrates the Features of the MAXQ1065 Socket Board
Rev 2; 6/21
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
   Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX34409EVKIT MAXIM-MAX34409EVKIT Datasheet
1Mb / 11P
   Easy Evaluation of the MAX34409
Rev 0; 4/13
MAX33071ESHLD MAXIM-MAX33071ESHLD Datasheet
676Kb / 9P
   Easy Evaluation of the MAX33071E
Rev 0; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com