Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9UMS9610CKLFT Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS9UMS9610CKLFT
Description  PC MAIN CLOCK
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9610CKLFT Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS9UMS9610CKLFT Datasheet HTML 4Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 5Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 6Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 7Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 8Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 9Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 10Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 11Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
IDTTM/ICSTM PC MAIN CLOCK
1336—07/21/08
ICS9UMS9610
PC MAIN CLOCK
8
Advance Information
Table 1: CPU Frequency Select Table
FSLC
1
FSLB
1
CPU
MHz
SRC
MHz
DOT
MHz
LCD100
MHz
REF
MHz
0
0
133.33
0
1
166.67
1
0
100.00
1
1
200.00
1. FS
LC is a low-threshold input.Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
100.00
96.00
100.00
14.318
Table 2: LCD Spread Select Table (Pin 20/21)
B1b5
B1b4
B1b3
Spread
%
Comment
000
-0.5%
LCD100
001
-1%
LCD100
010
-2%
LCD100
011
-2.5%
LCD100
100
+/- 0.25%
LCD100
101
+/-0.5%
LCD100
110
+/-1%
LCD100
1
1
1
+/-1.25%
LCD100


Similar Part No. - ICS9UMS9610CKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9610 IDT-ICS9UMS9610 Datasheet
139Kb / 20P
   PC MAIN CLOCK
More results

Similar Description - ICS9UMS9610CKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS954148AFLF IDT-ICS954148AFLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS9UMS9610 IDT-ICS9UMS9610 Datasheet
139Kb / 20P
   PC MAIN CLOCK
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS952911BF IDT-ICS952911BF Datasheet
55Kb / 1P
   PC MAIN CLOCK
9UMS9001 IDT-9UMS9001 Datasheet
111Kb / 15P
   PC MAIN CLOCK - CK540
logo
Renesas Technology Corp
9UMS9001 RENESAS-9UMS9001 Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
logo
Integrated Device Techn...
9LP505-2HFLF IDT-9LP505-2HFLF Datasheet
115Kb / 1P
   PC MAIN CLOCK CK505 clock, 56-pin Intel Yellow Cover part
logo
Winbond
W83194BR-PT WINBOND-W83194BR-PT Datasheet
716Kb / 24P
   STEPLESS VIA PT MAIN CLOCK GENERATOR
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
   145 W PC Main ATX Supply
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
   180 W PC Main SFX Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com