Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS874001AGI-05LF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS874001AGI-05LF
Description  PCI Express??Jitter Attenuator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874001AGI-05LF Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS874001AGI-05LF Datasheet HTML 1Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 2Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 3Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 4Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 5Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 6Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 7Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 8Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ICS874001AGI-05 REVISION A JANUARY 14, 2011
5
©2011 Integrated Device Technology, Inc.
ICS74001I-05 Data Sheet
PCI EXPRESS™ JITTER ATTENUATOR
Table 4C. Differential DC Characteristics, VDD = VDDO = 3.3V ± 0.3V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Table 4D. LVDS DC Characteristics, VDD = VDDO = 3.3V ± 0.3V, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK
VDD = VIN = 3.6V
150
µA
nCLK
VDD = VIN = 3.6V
5
µA
IIL
Input Low Current
CLK
VDD = 3.6V, VIN = 0V
-5
µA
nCLK
VDD = 3.6V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1, 2
GND + 0.5
VDD – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
275
375
485
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.20
1.35
1.50
V
∆V
OS
VOS Magnitude Change
50
mV


Similar Part No. - ICS874001AGI-05LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS874001I-05 RENESAS-ICS874001I-05 Datasheet
1Mb / 19P
   PCI Express™ Jitter Attenuator
JANUARY 14, 2011
More results

Similar Description - ICS874001AGI-05LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
   PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
   PCI EXPRESS??Jitter Attenuator
logo
Integrated Circuit Syst...
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
   PCI Express, Jitter Attenuator
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
   PCI Express Jitter Attenuator
March 11, 2016
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS9DB202 IDT-ICS9DB202_06 Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com