Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

874001AGI-05LF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 874001AGI-05LF
Description  PCI Express??Jitter Attenuator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

874001AGI-05LF Datasheet(HTML) 2 Page - Integrated Device Technology

  874001AGI-05LF Datasheet HTML 1Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 2Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 3Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 4Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 5Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 6Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 7Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 8Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ICS874001AGI-05 REVISION A JANUARY 14, 2011
2
©2011 Integrated Device Technology, Inc.
ICS74001I-05 Data Sheet
PCI EXPRESS™ JITTER ATTENUATOR
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
PLL_SEL
Input
Pullup
PLL select pin. When LOW, bypasses the PLL. When HIGH selects the PLL.
LVCMOS/LVTTL interface levels. See Table 3B.
2, 3, 4, 6,
15, 16, 20
nc
Unused
No connect.
5
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are reset
causing the true output Q to go LOW and the inverted output nQ to go HIGH.
When logic LOW, the internal dividers and the outputs are enabled.
LVCMOS/LVTTL interface levels.
7
F_SEL1
Input
Pullup
Frequency select pin. LVCMOS/LVTTL interface levels. See Table 3C.
8VDDA
Power
Analog supply pin.
9
F_SEL0
Input
Pulldown
Frequency select pin. LVCMOS/LVTTL interface levels. See Table 3C.
10
VDD
Power
Core supply pin.
11
OE
Input
Pullup
Output enable. When HIGH, outputs are enabled. When LOW, forces outputs
to a High-Impedance state. LVCMOS/LVTTL interface levels. See Table 3A.
12
CLK
Input
Pulldown
Non-inverting differential clock input.
13
nCLK
Input
Pullup
Inverting differential clock input.
14
GND
Power
Power supply ground.
17, 18
nQ, Q
Output
Differential output pair. LVDS interface levels.
19
VDDO
Power
Output supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k


Similar Part No. - 874001AGI-05LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
874001AGI-05LF IDT-874001AGI-05LF Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
874001AGI-05LFT IDT-874001AGI-05LFT Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
More results

Similar Description - 874001AGI-05LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
   PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
   PCI EXPRESS??Jitter Attenuator
logo
Integrated Circuit Syst...
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
   PCI Express, Jitter Attenuator
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
   PCI Express Jitter Attenuator
March 11, 2016
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS9DB202 IDT-ICS9DB202_06 Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com