Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

874001AGI-05LFT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 874001AGI-05LFT
Description  PCI Express??Jitter Attenuator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

874001AGI-05LFT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 874001AGI-05LFT Datasheet HTML 6Page - Integrated Device Technology 874001AGI-05LFT Datasheet HTML 7Page - Integrated Device Technology 874001AGI-05LFT Datasheet HTML 8Page - Integrated Device Technology 874001AGI-05LFT Datasheet HTML 9Page - Integrated Device Technology 874001AGI-05LFT Datasheet HTML 10Page - Integrated Device Technology 874001AGI-05LFT Datasheet HTML 11Page - Integrated Device Technology 874001AGI-05LFT Datasheet HTML 12Page - Integrated Device Technology 874001AGI-05LFT Datasheet HTML 13Page - Integrated Device Technology 874001AGI-05LFT Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ICS874001AGI-05 REVISION A JANUARY 14, 2011
10
©2011 Integrated Device Technology, Inc.
ICS74001I-05 Data Sheet
PCI EXPRESS™ JITTER ATTENUATOR
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and
other differential signals. Both signals must meet the VPP and VCMR
input requirements. Figures 2A to 2F show interface examples for the
CLK/nCLK input driven by the most common driver types. The input
interfaces suggested here are examples only. Please consult with the
vendor of the driver component to confirm the driver termination
requirements. For example, in Figure 2A, the input termination
applies for IDT open emitter LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
2A. CLK/nCLK Input Driven by an IDT
Open Emitter LVHSTL Driver
Figure 2C. CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 2E. CLK/nCLK Input
Driven by a 3.3V HCSL Driver
Figure 2B. CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 2D. CLK/nCLK Input
Driven by a 3.3V LVDS Driver
Figure 2F. CLK/nCLK Input
Driven by a 2.5V SSTL Driver
R1
50
R2
50
1.8V
Zo = 50
Zo = 50
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
R3
125
R4
125
R1
84
R2
84
3.3V
Zo = 50
Zo = 50
CLK
nCLK
3.3V
3.3V
LVPECL
Differential
Input
HCSL
*R3
33
*R4
33
CLK
nCLK
3.3V
3.3V
Zo = 50
Zo = 50
Differential
Input
R1
50
R2
50
*Optional – R3 and R4 can be 0
CLK
nCLK
Differential
Input
LVPECL
3.3V
Zo = 50
Zo = 50
3.3V
R1
50
R2
50
R2
50
3.3V
R1
100
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Zo = 50
CLK
nCLK
Differential
Input
SSTL
2.5V
Zo = 60
Zo = 60
2.5V
3.3V
R1
120
R2
120
R3
120
R4
120


Similar Part No. - 874001AGI-05LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
874001AGI-05LFT IDT-874001AGI-05LFT Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
More results

Similar Description - 874001AGI-05LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
   PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
   PCI EXPRESS??Jitter Attenuator
logo
Integrated Circuit Syst...
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
   PCI Express, Jitter Attenuator
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
   PCI Express Jitter Attenuator
March 11, 2016
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS9DB202 IDT-ICS9DB202_06 Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com