Electronic Components Datasheet Search |
|
A42MX09-3PL208I Datasheet(PDF) 2 Page - Microsemi Corporation |
|
A42MX09-3PL208I Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 142 page 40MX and 42MX FPGA Families ii R evis i o n 11 Ordering Information Plastic Device Resources User I/Os Device PLCC 44-Pin PLCC 68-Pin PLCC 84-Pin PQFP 100-Pin PQFP 160-Pin PQFP 208-Pin PQFP 240-Pin VQFP 80-Pin VQFP 100-Pin TQFP 176-Pin PBGA 272-Pin A40MX02 34 57 – 57 – – – 57 – – – A40MX04 34 57 69 69 – – – 69 – – – A42MX09 – – 72 83 101 – – – 83 104 – A42MX16 – – 72 83 125 140 – – 83 140 – A42MX24 – – 72 – 125 176 – – – 150 – A42MX36 ––––– 176 202 – – – 202 Note: Package Definitions PLCC = Plastic Leaded Chip Carrier, PQFP = Plastic Quad Flat Pack, TQFP = Thin Quad Flat Pack, VQFP = Very Thin Quad Flat Pack, PBGA = Plastic Ball Grid Array _ Part Number Speed Grade Package Type Package Lead Count Lead-Free Packaging Blank = Standard Packaging G = RoHS Compliant Packaging Blank = Commercial (0 to +70°C) Application (Temperature Range) PL = Plastic Leaded Chip Carrier CQ =Ceramic Quad Flat Pack BG = Plastic Ball Grid Array VQ = Very Thin (1.0 mm) Quad Flat Pack TQ = Thin (1.4 mm) Quad Flat Pack PQ = Plastic Quad Flat Pack Blank = Standard Speed –1 = Approximately 15% Faster than Standard –2 = Approximately 25% Faster than Standard –3 = Approximately 35% Faster than Standard –F = Approximately 40% Slower than Standard A40MX02 = 3,000 System Gates A40MX04 = 6,000 System Gates A42MX09 = 14,000 System Gates A42MX16 = 24,000 System Gates A42MX24 = 36,000 System Gates A42MX36 = 54,000 System Gates A42MX16 1 PQ 100 G ES I = Industrial (–40 to +85°C) M = Military (–55 to +125°C) A = Automotive (–40 to +125°C) B = MIL-STD-883 |
Similar Part No. - A42MX09-3PL208I |
|
Similar Description - A42MX09-3PL208I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |