Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6565N Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6565N
Description  QUASI-RESONANT SMPS CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6565N Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6565N Datasheet HTML 6Page - STMicroelectronics L6565N Datasheet HTML 7Page - STMicroelectronics L6565N Datasheet HTML 8Page - STMicroelectronics L6565N Datasheet HTML 9Page - STMicroelectronics L6565N Datasheet HTML 10Page - STMicroelectronics L6565N Datasheet HTML 11Page - STMicroelectronics L6565N Datasheet HTML 12Page - STMicroelectronics L6565N Datasheet HTML 13Page - STMicroelectronics L6565N Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
L6565
10/17
It acts on the clamp level of the control voltage Vcsx, that is on the overcurrent setpoint, so that it is a function
of the converter's input voltage sensed through a dedicated pin (#3, VFF): the higher the input voltage, the lower
the setpoint. This is illustrated in the diagram of figure 17a that shows the relationship between the voltage at
the pin VFF and Vcsx (with the error amplifier saturated high in the attempt of keeping output voltage regulation).
The schematic in figure 17b shows also how the function is included in the control loop. With a proper selection
of the external divider R1-R2 it is possible to achieve the optimum compensation described by the lower curve
in the diagram of figure 16.
In applications where this function is not wanted, e.g. because of a narrow input voltage range, the VFF pin can
be simply grounded, thus saving the resistor divider. The overcurrent setpoint will be then fixed at the maximum
value of about 1.4V (1.5V max.).
Line Feedforward is also beneficial to other characteristics of quasi-resonant converters: it improves their input
ripple rejection ability and limits the variation of the power stage's small-signal gain versus the line voltage.
Figure 17. a) Overcurrent setpoint vs. VFF voltage; b) Line Feedforward function block
Vcsx [V]
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
VVFF [V]
VCOMP = Upper clamp
E/A
4
23
Rs
PWM
VOLTAGE
FEED
FORWARD
+Vin
+
-
2.5V
1
DRIVER
7
R1
R2
INV
COMP
VFF
CS
GD
L6565
2 V
Hiccup
DISABLE
R
S
Q
5
ZCD
STARTER
ZCD
(reset-dominant)
starter STOP
a)
b)


Similar Part No. - L6565N

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6565 HAMAMATSU-L6565 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
More results

Similar Description - L6565N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR4765 INFINEON-ICE2QR4765_10 Datasheet
812Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
ICE2QR0665 INFINEON-ICE2QR0665_10 Datasheet
658Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.3, April 27, 2010
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
   Quasi-Resonant Controller
V 2.1 2020-02-03
logo
Monolithic Power System...
HFC0100 MPS-HFC0100 Datasheet
290Kb / 15P
   QUASI RESONANT CONTROLLER
EVHFC0100HS-00A MPS-EVHFC0100HS-00A Datasheet
241Kb / 6P
   Quasi Resonant Controller
logo
Infineon Technologies A...
ICE2QR2280Z-1 INFINEON-ICE2QR2280Z-1 Datasheet
1,005Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated
Version 2.1, March 7, 2013
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
May 2019
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com