Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62-217BUW1C2 Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # 62-217BUW1C2
Description  5630 Package Power Warm White Surface Mount Device
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

62-217BUW1C2 Datasheet(HTML) 2 Page - A-BRIGHT Inc

  62-217BUW1C2 Datasheet HTML 1Page - A-BRIGHT Inc 62-217BUW1C2 Datasheet HTML 2Page - A-BRIGHT Inc 62-217BUW1C2 Datasheet HTML 3Page - A-BRIGHT Inc 62-217BUW1C2 Datasheet HTML 4Page - A-BRIGHT Inc 62-217BUW1C2 Datasheet HTML 5Page - A-BRIGHT Inc 62-217BUW1C2 Datasheet HTML 6Page - A-BRIGHT Inc 62-217BUW1C2 Datasheet HTML 7Page - A-BRIGHT Inc 62-217BUW1C2 Datasheet HTML 8Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: 62-217BUW1C2
ELECTRO-OPTICAL CHARACTERISTICS
(TA=25℃)
Value
Parameter
Test
Condition Symbol MIN. TYP. MAX.
Unit
Viewing angle at 50% IV
IF=150mA
2θ1/2
120
Deg
Forward voltage
IF=150mA
VF
2.8 --- 3.5
V
5250 5750 6250
Color Temperature
IF=150mA
CCT
3750 4000 4250
K
---
54
---
Luminous Flux
IF=150mA
Flux
---
56
---
lm
Pulse Forward Current
(Pulse Width ≤ 10msec, and duty ≤1/10)
IFP
300
mA
Absolute maximum ratings
(TA=25℃)
Parameter
Symbol
Value
Unit
Forward current
IF
150
mA
Reverse voltage
VR
5
V
Reverse current
IR
1
μA
Power dissipation
PD
585
mW
Operating temperature range
Top
-30 ~+80
Storage temperature range
Tstg
-40 ~+85


Similar Part No. - 62-217BUW1C2

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
62-217BUW1C2 A-BRIGHT-62-217BUW1C2 Datasheet
646Kb / 8P
   SURFACE MOUNT LED LAMPS
62-217BUW1C2 A-BRIGHT-62-217BUW1C2_15 Datasheet
646Kb / 8P
   5630 Package Power White Surface Mount Device
More results

Similar Description - 62-217BUW1C2

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
62-217BSW1C1 A-BRIGHT-62-217BSW1C1_15 Datasheet
625Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BSW1C2 A-BRIGHT-62-217BSW1C2 Datasheet
657Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BUW1C1 A-BRIGHT-62-217BUW1C1 Datasheet
636Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BSW1C2 A-BRIGHT-62-217BSW1C2_15 Datasheet
646Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BSW1C1 A-BRIGHT-62-217BSW1C1 Datasheet
625Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BUW1C1 A-BRIGHT-62-217BUW1C1_15 Datasheet
625Kb / 8P
   5630 Package Power White Surface Mount Device
62-217BUW1C2 A-BRIGHT-62-217BUW1C2_15 Datasheet
646Kb / 8P
   5630 Package Power White Surface Mount Device
62-217ASW2C1H A-BRIGHT-62-217ASW2C1H Datasheet
948Kb / 10P
   Power Warm White Surface Mount Device
62-217AWW2C1H A-BRIGHT-62-217AWW2C1H Datasheet
900Kb / 10P
   Power Warm White Surface Mount Device
62-217ASW2C2H A-BRIGHT-62-217ASW2C2H Datasheet
1Mb / 11P
   Power Warm White Surface Mount Device
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com