Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA128A3U-AU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATXMEGA128A3U-AU
Description  8/16-bit Atmel XMEGA A3U Microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128A3U-AU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATXMEGA128A3U-AU Datasheet HTML 7Page - ATMEL Corporation ATXMEGA128A3U-AU Datasheet HTML 8Page - ATMEL Corporation ATXMEGA128A3U-AU Datasheet HTML 9Page - ATMEL Corporation ATXMEGA128A3U-AU Datasheet HTML 10Page - ATMEL Corporation ATXMEGA128A3U-AU Datasheet HTML 11Page - ATMEL Corporation ATXMEGA128A3U-AU Datasheet HTML 12Page - ATMEL Corporation ATXMEGA128A3U-AU Datasheet HTML 13Page - ATMEL Corporation ATXMEGA128A3U-AU Datasheet HTML 14Page - ATMEL Corporation ATXMEGA128A3U-AU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
11
8386A–AVR–07/11
XMEGA A3U
7.4
Data Memory
The Data memory contains the I/O Memory, internal SRAM, optionally memory mapped
EEPROM, and external memory if available. The data memory is organized as one continuous
memory section, see Figure 7-2 on page 11. To simplify development, I/O Memory, EEPROM
and SRAM will always have the same start addresses for all XMEGA devices.
Figure 7-2.
Data Memory Map (Hexadecimal address)
Byte Address
ATxmega192A3U
Byte Address
ATxmega128A3U
Byte Address
ATxmega64A3U
0
I/O Registers
(4K)
0
I/O Registers
(4K)
0
I/O Registers
(4K)
FFF
FFF
FFF
1000
EEPROM
(2K)
1000
EEPROM
(2K)
1000
EEPROM
(2K)
17FF
17FF
17FF
RESERVED
RESERVED
RESERVED
2000
Internal SRAM
(16K)
2000
Internal SRAM
(8K)
2000
Internal SRAM
(4K)
5FFF
3FFF
2FFF
Byte Address
ATxmega256A3U
0
I/O Registers
(4K)
FFF
1000
EEPROM
(4K)
1FFF
2000
Internal SRAM
(16K)
5FFF


Similar Part No. - ATXMEGA128A3U-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A3 ATMEL-ATXMEGA128A3 Datasheet
979Kb / 76P
   8/16-bit XMEGA A3 Microcontroller
ATxmega128A3 ATMEL-ATxmega128A3 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A3 ATMEL-ATXMEGA128A3 Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
ATXMEGA128A3 ATMEL-ATXMEGA128A3 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A3-AU ATMEL-ATXMEGA128A3-AU Datasheet
979Kb / 76P
   8/16-bit XMEGA A3 Microcontroller
More results

Similar Description - ATXMEGA128A3U-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1 Datasheet
6Mb / 138P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3_14 Datasheet
5Mb / 125P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3 Datasheet
9Mb / 126P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA128A4U-AU ATMEL-ATXMEGA128A4U-AU Datasheet
4Mb / 121P
   8/16-bit Atmel XMEGA A4U Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU_14 Datasheet
5Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com