Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMK325BJ226MM- Datasheet(PDF) 3 Page - Intersil Corporation

Part # TMK325BJ226MM-
Description  Dual 15A/Single 30A Step-Down Power Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

TMK325BJ226MM- Datasheet(HTML) 3 Page - Intersil Corporation

  TMK325BJ226MM- Datasheet HTML 1Page - Intersil Corporation TMK325BJ226MM- Datasheet HTML 2Page - Intersil Corporation TMK325BJ226MM- Datasheet HTML 3Page - Intersil Corporation TMK325BJ226MM- Datasheet HTML 4Page - Intersil Corporation TMK325BJ226MM- Datasheet HTML 5Page - Intersil Corporation TMK325BJ226MM- Datasheet HTML 6Page - Intersil Corporation TMK325BJ226MM- Datasheet HTML 7Page - Intersil Corporation TMK325BJ226MM- Datasheet HTML 8Page - Intersil Corporation TMK325BJ226MM- Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ISL8225M
3
FN7822.1
January 31, 2013
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TEMP. RANGE (°C)
(Note 4)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL8225MIRZ
ISL8225M
-40 to +125
26 Ld QFN
L26.17x17
ISL8225MIRZ-T
(Note 1)
ISL8225M
-40 to +125
26 Ld QFN
(Tape & Reel)
L26.17x17
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These products do contain Pb but they are RoHs compliant by EU exemption 5 (Pb in glass of cathode ray tubes, electronic components, and
fluorescent tubes).
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8225M. For more information on MSL, please see tech brief TB363
4. The ISL8225M is guaranteed over the full -40°C to +125°C internal junction temperature range. Note that the allowed ambient temperature
consistent with these specifications is determined by specific operating conditions, including board layout, cooling scheme and other environmental
factors.


Similar Part No. - TMK325BJ226MM-

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
TMK325BJ226MM-T ENPIRION-TMK325BJ226MM-T Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
logo
Intersil Corporation
TMK325BJ226MM-T INTERSIL-TMK325BJ226MM-T Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Taiyo Yuden (U.S.A.), I...
TMK325BJ226MM-T TAIYO-YUDEN-TMK325BJ226MM-T Datasheet
301Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - TMK325BJ226MM-

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Renesas Technology Corp
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
   30A/30A Dual-Channel Digital PMBus Step-Down Power Module
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
   15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
   15A 42V Single-Channel DC/DC Step-Down Power Module
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
   15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
   15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
   2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com