Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10TPB330M Datasheet(PDF) 7 Page - Intersil Corporation

Part # 10TPB330M
Description  Dual 15A/Single 30A Step-Down Power Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

10TPB330M Datasheet(HTML) 7 Page - Intersil Corporation

Back Button 10TPB330M Datasheet HTML 3Page - Intersil Corporation 10TPB330M Datasheet HTML 4Page - Intersil Corporation 10TPB330M Datasheet HTML 5Page - Intersil Corporation 10TPB330M Datasheet HTML 6Page - Intersil Corporation 10TPB330M Datasheet HTML 7Page - Intersil Corporation 10TPB330M Datasheet HTML 8Page - Intersil Corporation 10TPB330M Datasheet HTML 9Page - Intersil Corporation 10TPB330M Datasheet HTML 10Page - Intersil Corporation 10TPB330M Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISL8225M
7
FN7822.1
January 31, 2013
Total Variation (Note 9)
VCC = 5V; -40°C < TA < +85°C
-9
+9
%
FREQUENCY SYNCHRONIZATION AND PHASE LOCK LOOP (Note 9)
Synchronization Frequency
VCC = 5V
150
1500
kHz
PLL Locking Time
VCC = 5.4V, fSW = 500kHz
130
µs
Input Signal Duty Cycle Range
10
90
%
PWM (Note 9)
Minimum PWM OFF Time
tMIN_OFF
310
345
410
ns
Current Sampling Blanking Time
tBLANKING
175
ns
OUTPUT CHARACTERISTICS
Output Continuous Current Range
IOUT(DC)
VIN = 12V, VOUT1 = 1.5V
015
A
VIN = 12V, VOUT2 = 1.5V
015
A
VIN = 12V, VOUT = 1.5V, in Parallel mode
030
A
Line Regulation Accuracy
ΔVOUT/ΔVIN VIN = 4.5V to 20V
VOUT1 = 1.5V, IOUT1 = 0A
0.0065
%
VOUT2 = 1.5V, IOUT2 = 0A
0.0065
%
VIN = 4.5V to 20V
VOUT1 = 1.5V, IOUT1 = 15A
0.01
%
VOUT2 = 1.5V, IOUT2 = 15A
0.01
%
Load Regulation Accuracy
ΔVOUT/VOUT VIN = 12V, 5x22µF, 2x4.7µF ceramic capacitor and
1x330µF POSCAP
IOUT1 = 0A to 15A, VOUT1 = 1.5V
1
%
IOUT2 = 0A to 15A, VOUT2 = 1.5V
1
%
Output Ripple Voltage
ΔVOUT
VIN = 12V, 3x100µF ceramic capacitor and
1x330µF POSCAP
IOUT1 = 0A, VOUT1 = 1.5V
11
mVP-P
IOUT2 = 0A, VOUT2 = 1.5V
11
mVP-P
IOUT1 = 15A, VOUT1 = 1.5V
14
mVP-P
IOUT2 = 15A, VOUT2 = 1.5V
14
mVP-P
DYNAMIC CHARACTERISTICS
Voltage Change for Positive Load Step
ΔVOUT-DP Current slew rate = 2.5A/µs
VIN = 12V, VOUT = 1.5V, 2x47µF ceramic capacitor
and 1x330µF POSCAP
IOUT1 = 0A to 7.5A
75
mVP-P
IOUT2 = 0A to 7.5A
75
mVP-P
Voltage Change for Negative Load Step
ΔVOUT-DN Current slew rate = 2.5A/µs
VIN = 12V, VOUT = 1.5V, 2x47µF ceramic capacitor
and 1x330µF POSCAP
IOUT1 = 7.5A to 0A
70
mVP-P
IOUT2 = 7.5A to 0A
70
mVP-P
REFERENCE (Note 9)
Reference Voltage (Include Error and
Differential Amplifier Offsets)
VREF1
TA = -40°C to +85°C
0.6
V
-0.7
0.7
%
Electrical Specifications TA = +25°C, VIN = 12V, unless otherwise noted. Boldface limits apply over the internal junction temperature
range, -40°C to +125°C (Note 4). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7)
UNITS


Similar Part No. - 10TPB330M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
10TPB330M INTERSIL-10TPB330M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
10TPB330M INTERSIL-10TPB330M Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
10TPB330M INTERSIL-10TPB330M Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
logo
Sanyo Semicon Device
10TPB330M SANYO-10TPB330M Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
logo
Panasonic Semiconductor
10TPB330M PANASONIC-10TPB330M Datasheet
53Kb / 1P
   Surface Mount Type
More results

Similar Description - 10TPB330M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Renesas Technology Corp
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
   30A/30A Dual-Channel Digital PMBus Step-Down Power Module
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
   15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
   15A 42V Single-Channel DC/DC Step-Down Power Module
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
   15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
   15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
   2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com