Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHLP4040DZER1R0M01 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IHLP4040DZER1R0M01
Description  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP4040DZER1R0M01 Datasheet(HTML) 4 Page - Vishay Siliconix

  IHLP4040DZER1R0M01 Datasheet HTML 1Page - Vishay Siliconix IHLP4040DZER1R0M01 Datasheet HTML 2Page - Vishay Siliconix IHLP4040DZER1R0M01 Datasheet HTML 3Page - Vishay Siliconix IHLP4040DZER1R0M01 Datasheet HTML 4Page - Vishay Siliconix IHLP4040DZER1R0M01 Datasheet HTML 5Page - Vishay Siliconix IHLP4040DZER1R0M01 Datasheet HTML 6Page - Vishay Siliconix IHLP4040DZER1R0M01 Datasheet HTML 7Page - Vishay Siliconix IHLP4040DZER1R0M01 Datasheet HTML 8Page - Vishay Siliconix IHLP4040DZER1R0M01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.vishay.com
4
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
Vishay Siliconix
SiC401A, SiC401BCD
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating/conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Electrical Parameter
Conditions
Limits
Unit
VIN
to PGND
- 0.3 to + 20
V
VIN
to VDD
- 0.4 max.
LX
to PGND
- 0.3 to + 20
LX (Transient < 100 ns)
to PGND
- 2 to + 20
VDD
to PGND
- 0.3 to + 6
EN/PSV, PGOOD, ILIM
Reference to PGND
- 0.3 to + (VDD + 0.3)
tON
to PGND
- 0.3 to + (VDD - 1.5)
BST
to LX
- 0.3 to + 6
to PGND
- 0.3 to + 25
ENL
- 0.3 to VIN
AGND to PGND
- 0.3 to + 0.3
Temperature
Maximum Junction Temperature
150
°C
Storage Temperature
- 65 to 150
Power Dissipation
Junction to Ambient Thermal Impedance (RthJA)
(b)
IC Section
50
°C/W
Maximum Power Dissipation
Ambient Temperature = 25 °C
3.4
W
Ambient Temperature = 100 °C
1.3
ESD Protection
HBM
2
kV
RECOMMENDED OPERATING CONDITIONS
(all voltages referenced to GND = 0 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Voltage
VIN
317
V
VDD to PGND
35.5
Output Voltage
VOUT
0.6
5.5
Temperature
Ambient Temperature
- 40 to 85
°C


Similar Part No. - IHLP4040DZER1R0M01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP4040DZER1R0M11 VISHAY-IHLP4040DZER1R0M11 Datasheet
128Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Mar-14
More results

Similar Description - IHLP4040DZER1R0M01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC401BCD VISHAY-SIC401BCD_V01 Datasheet
2Mb / 30P
   15 A microBUCK짰 SiC401A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
   6 A microBUCK짰 SiC403A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC402BCD VISHAY-SIC402BCD_V01 Datasheet
1Mb / 26P
   10 A microBUCK짰 SiC402A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com