Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0603Y104KXACW1BC Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VJ0603Y104KXACW1BC
Description  5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0603Y104KXACW1BC Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VJ0603Y104KXACW1BC Datasheet HTML 4Page - Vishay Siliconix VJ0603Y104KXACW1BC Datasheet HTML 5Page - Vishay Siliconix VJ0603Y104KXACW1BC Datasheet HTML 6Page - Vishay Siliconix VJ0603Y104KXACW1BC Datasheet HTML 7Page - Vishay Siliconix VJ0603Y104KXACW1BC Datasheet HTML 8Page - Vishay Siliconix VJ0603Y104KXACW1BC Datasheet HTML 9Page - Vishay Siliconix VJ0603Y104KXACW1BC Datasheet HTML 10Page - Vishay Siliconix VJ0603Y104KXACW1BC Datasheet HTML 11Page - Vishay Siliconix VJ0603Y104KXACW1BC Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SiP12107
www.vishay.com
Vishay Siliconix
S12-0412-Rev. B, 20-Feb-12
8
Document Number: 63395
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Startup PSM: 0 A Load
Startup PSM: 3 A Load
Startup PWM: 0 A Load
Shutdown PSM: 0 A Load
Shutdown PSM: 3 A Load
Shutdown PWM: 0 A Load
VIN = 2 V/div
VOUT = 1 V/div
PGOOD = 2 V/div
LX = 2 V/div
VIN = 2 V/div
VOUT = 1 V/div
PGOOD = 2 V/div
LX = 2 V/div
VIN = 2 V/div
VOUT = 1 V/div
PGOOD = 2 V/div
LX = 2 V/div
VIN = 2 V/div
VOUT = 1 V/div
PGOOD = 2 V/div
LX = 2 V/div
VIN = 2 V/div
VOUT = 1 V/div
PGOOD = 2 V/div
LX = 2 V/div
VIN = 2 V/div
VOUT = 1 V/div
PGOOD = 2 V/div
LX = 2 V/div


Similar Part No. - VJ0603Y104KXACW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603Y104KXACW1BC VISHAY-VJ0603Y104KXACW1BC Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
VJ0603Y104KXACW1BC VISHAY-VJ0603Y104KXACW1BC Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
More results

Similar Description - VJ0603Y104KXACW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. C, 06-Mar-17
SIP12117 VISHAY-SIP12117 Datasheet
926Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 06-Mar-17
logo
Analog Devices
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
   Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
logo
Analog Devices
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
   Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
logo
Texas Instruments
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com