Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM32ER71C226ME18L Datasheet(PDF) 8 Page - Vishay Siliconix

Part # GRM32ER71C226ME18L
Description  6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GRM32ER71C226ME18L Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button GRM32ER71C226ME18L Datasheet HTML 4Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 5Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 6Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 7Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 8Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 9Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 10Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 11Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.vishay.com
8
Document Number: 63388
S13-0248-Rev. B, 04-Feb-13
Vishay Siliconix
SiC414, SiC424
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
ELECTRICAL CHARACTERISTICS
VOUT Ripple in Continuous Conduction Mode (No Load)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz)
Transient Response in Continuous Conduction Mode
(0.2 A - 6 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz)
Transient Response in Power Save Mode
(0.2 A - 6 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz at 6A)
OutputCurrent
2 A/div.
5 µs/div.
Output Voltage
50 mV/div.
5 µs/div.
AC Coupling
OutputCurrent
2 A/div.
5 µs/div.
Output Voltage
50 mV/div.
5 µs/div.
AC Coupling
VOUT Ripple in Power Save Mode (No Load)
(VIN = 12 V, VOUT = 1 V)
Transient Response in Continuous Conduction Mode
(6 A - 0.2 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz)
Transient Response in Power Save Mode
(6 A - 0.2 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz at 6 A)
LX Switching Node
2V/div.
2ms/div
Output Ripple Voltage
20 mV/div.
2 ms/div
OutputCurrent
2 A/div.
5 µs/div.
Output Voltage
50 mV/div.
5 µs/div.
AC Coupling
OutputCurrent
2 A/div.
5 µs/div.
Output Voltage
50 mV/div.
5 µs/div.
AC Coupling


Similar Part No. - GRM32ER71C226ME18L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GRM32ER71C226ME18L VISHAY-GRM32ER71C226ME18L Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
GRM32ER71C226ME18L VISHAY-GRM32ER71C226ME18L Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
More results

Similar Description - GRM32ER71C226ME18L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC424 VISHAY-SIC424_V01 Datasheet
1Mb / 23P
   6 A, microBUCK짰 SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
01-Jan-2022
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC413 VISHAY-SIC413 Datasheet
378Kb / 18P
   microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Rev. D, 26-Oct-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com