Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM32ER71C226ME18L Datasheet(PDF) 10 Page - Vishay Siliconix

Part # GRM32ER71C226ME18L
Description  6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GRM32ER71C226ME18L Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button GRM32ER71C226ME18L Datasheet HTML 6Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 7Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 8Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 9Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 10Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 11Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 12Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 13Page - Vishay Siliconix GRM32ER71C226ME18L Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.vishay.com
10
Document Number: 63388
S13-0248-Rev. B, 04-Feb-13
Vishay Siliconix
SiC414, SiC424
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
On-Time One-Shot Generator (tON) and Operating
Frequency
The figure 2 shows the on-chip implementation of on-time
generation. The FB Comparator output goes high when VFB
is less than the internal 750 mV reference. This feeds into the
gate drive and turns on the high-side MOSFET, and also
starts the one-shot timer. The one-shot timer uses an internal
comparator and a capacitor. One comparator input is
connected to VOUT, the other input is connected to the
capacitor. When the on-time begins, the internal capacitor
charges from zero volts through a current which is
proportional to VIN. When the capacitor voltage reaches
VOUT, the on-time is completed and the high-side MOSFET
turns off.
This method automatically produces an on-time that is
proportional to VOUT and inversely proportional to VIN. Under
steady-state conditions, the switching frequency can be
determined from the on-time by the following equation.
The SIC414 and SiC424 uses an external resistor to set the
ontime which indirectly sets the frequency. The on-time can
be programmed to provide operating frequency from
200 kHz to 1 MHz using a resistor between the tON pin and
ground. The resistor value is selected by the following
equation.
The maximum RtON value allowed is shown by the following
equation.
Immediately after the on-time, the DL (drive signal for the
low side FET) output drives high to turn on the low-side
MOSFET. DL has a minimum high time of ~ 320 ns, after
which DL continues to stay high until one of the following
occurs:
•VFB falls below the 750 mV reference.
• The zero cross detector senses that the voltage on the LX
node is below ground. Power save is activated when a
zero crossing is detected.
tON limitations and V5V Supply Voltage
For V5V below 4.5 V, the tON accuracy may be limited by the
input voltage.
The original RtON equation is accurate if VIN satisfies the
below relation over the entire VIN range:
VIN < (V5V - 1.6 V) x 10
If VIN exceeds (V5V - 1.6 V) x 10, for all or part of the VIN
range, the RtON equation is not accurate. In all cases where
VIN > (V5V - 1.6 V ) x 10, the RtON equation must be modified
as follows.
Note that when VIN > (V5V - 1.6 V) x 10, the actual on-time
is fixed and does not vary with VIN. When operating in this
condition, the switching frequency will vary inversely with VIN
rather than approximating a fixed frequency.
VOUT Voltage Selection
The switcher output voltage is regulated by comparing VOUT
as seen through a resistor divider at the FB pin to the internal
750 mV reference voltage, see figure 3.
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC output
voltage VOUT is offset by the output ripple according to the
following equation.
VOUT = 0.75 x (1 + R1/R2) + VRIPPLE/2
Enable and Power-Save Inputs
The EN/PSV and ENL inputs are used to enable or disable
the switching regulator and the LDO. When EN/PSV is low
(grounded), the switching regulator is off and in its lowest
power state. When off, the output of the switching regulator
soft-discharges the output into a 10
 internal resistor via the
VOUT pin. When EN/PSV is allowed to float, the pin voltage
will float to 33 % of the voltage at V5V. The switching
regulator turns on with power-save disabled and all switching
is in forced continuous mode. For V5V < 4.5 V, it is
recommended to force 33 % of the V5V voltage on the
EN/PSV pin to operate in forced continuous mode.
When EN/PSV is high (above 45 % of the voltage at V5V) for
SiC414, the switching regulator turns on with ultrasonic
Figure 2 - On-Time Generation
FB
V
REF
-
+
VOUT
VIN
Rton
On-time = K x Rton x (VOUT/VIN)
FB comparator
One-shot
timer
Gate
drives
DH
DL
Q1
Q2
L
Q1
ESR
FB
VOUT
COUT
VLX
+
V
IN
fSW =
VOUT
tON x VIN
R
tON =
1
25 pF x f
sw
- 400
Ω x
V
IN
V
OUT
Rton_MAX =
VIN_MIN
15 µA
Figure 3 - Output Voltage Selection
R
tON =
1
25 pF x f
sw
- 400
Ω x
(V5V - 1.6 V) x 10
V
OUT
VOUT
R1
R2
To FB pin


Similar Part No. - GRM32ER71C226ME18L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GRM32ER71C226ME18L VISHAY-GRM32ER71C226ME18L Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
GRM32ER71C226ME18L VISHAY-GRM32ER71C226ME18L Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
More results

Similar Description - GRM32ER71C226ME18L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC424 VISHAY-SIC424_V01 Datasheet
1Mb / 23P
   6 A, microBUCK짰 SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
01-Jan-2022
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC413 VISHAY-SIC413 Datasheet
378Kb / 18P
   microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Rev. D, 26-Oct-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com