Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC123JM Datasheet(PDF) 7 Page - Rohm

Part # DTC123JM
Description  NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC123JM Datasheet(HTML) 7 Page - Rohm

Back Button DTC123JM Datasheet HTML 3Page - Rohm DTC123JM Datasheet HTML 4Page - Rohm DTC123JM Datasheet HTML 5Page - Rohm DTC123JM Datasheet HTML 6Page - Rohm DTC123JM Datasheet HTML 7Page - Rohm DTC123JM Datasheet HTML 8Page - Rohm DTC123JM Datasheet HTML 9Page - Rohm DTC123JM Datasheet HTML 10Page - Rohm DTC123JM Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTC123J series
lDimensions
(Unit : mm)
Dimension in mm/inches
EMT3
Patterm of terminal position areas
b1
D
e
b
x
S A
A
c
Q
A3
S
b3
e
b2
MIN
MAX
MIN
MAX
A
0.60
0.80
0.024
0.031
A1
0.00
0.10
0
0.004
A3
b
0.15
0.30
0.006
0.012
b1
0.25
0.40
0.01
0.016
c
0.10
0.20
0.004
0.008
D
1.50
1.70
0.059
0.067
E
0.70
0.90
0.028
0.035
e
HE
1.40
1.80
0.055
0.071
L1
0.10
-
0.004
-
Lp
0.15
-
0.006
-
Q
0.05
0.25
0.002
0.01
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.40
-
0.016
b3
-
0.50
-
0.02
l1
-
0.70
-
0.028
0.25
0.01
DIM
MILIMETERS
INCHES
1.10
0.04
DIM
MILIMETERS
INCHES
0.50
0.02
7/10
2012.04 - Rev.A


Similar Part No. - DTC123JM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123JM ROHM-DTC123JM Datasheet
66Kb / 4P
   Digital transistors (built-in resistors)
logo
Weitron Technology
DTC123JM WEITRON-DTC123JM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Rohm
DTC123JM ROHM-DTC123JM Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC123JM ROHM-DTC123JM Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JM ROHM-DTC123JM Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTC123JM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123EKAT146 ROHM-DTC123EKAT146 Datasheet
1Mb / 4P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143ZEBTL ROHM-DTC143ZEBTL Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC144E ROHM-DTC144E_12 Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC124EKAT146 ROHM-DTC124EKAT146 Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors
DTC143XUAT106 ROHM-DTC143XUAT106 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC113ZUAT106 ROHM-DTC113ZUAT106 Datasheet
928Kb / 7P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115GU3HZG ROHM-DTC115GU3HZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JCAHZG ROHM-DTC123JCAHZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com