Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C106K4RACTU Datasheet(PDF) 4 Page - Vishay Siliconix

Part # C1206C106K4RACTU
Description  5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

C1206C106K4RACTU Datasheet(HTML) 4 Page - Vishay Siliconix

  C1206C106K4RACTU Datasheet HTML 1Page - Vishay Siliconix C1206C106K4RACTU Datasheet HTML 2Page - Vishay Siliconix C1206C106K4RACTU Datasheet HTML 3Page - Vishay Siliconix C1206C106K4RACTU Datasheet HTML 4Page - Vishay Siliconix C1206C106K4RACTU Datasheet HTML 5Page - Vishay Siliconix C1206C106K4RACTU Datasheet HTML 6Page - Vishay Siliconix C1206C106K4RACTU Datasheet HTML 7Page - Vishay Siliconix C1206C106K4RACTU Datasheet HTML 8Page - Vishay Siliconix C1206C106K4RACTU Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SiP12107
www.vishay.com
Vishay Siliconix
S12-0412-Rev. B, 20-Feb-12
4
Document Number: 63395
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL BLOCK DIAGRAM
Fig. 2 - SiP12107 Functional Block Diagram
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING
(LINE 2: P/N)
SIP12107DMP-T1-GE3
QFN33-16L
2107
SIP12107DB
Reference Board
ON-TIME
GENERATOR
+
-
PWM COMPARATOR
SOFT
START
0.6 V
REFERENCE
AGND
P
GOOD
AVIN
EN
VFB
VIN
1,16
VIN
LX
P
GND
VIN
VIN
11,12,13
14,15
ANTI-XCOND
CONTROL
8
6
2
3
ZCD
+
-
0.72 V
OV Comparator
CONTROL
LOGIC
SECTION
OCP
UVLO
OTP
5
AUTO
7
GMO
OTA
+
-
+
Isense
9
I-V
Converter
Isense
RON
VOUT
4
10
+
-
0.45 V
VFB
UV Comparator
PAD
Current
Mirror
Format:
Line 1: Dot
Line 2: P/N
Line 2: Siliconix Logo + ESD Symbol
Line 3: Factory Code + Year Code + Work Week Code + Lot Code
P/N
W11B
AA


Similar Part No. - C1206C106K4RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C106K4RACTU KEMET-C1206C106K4RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106K4RACTU KEMET-C1206C106K4RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206C106K4RACTU KEMET-C1206C106K4RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 16 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1206C106K4RACTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. C, 06-Mar-17
SIP12117 VISHAY-SIP12117 Datasheet
926Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 06-Mar-17
logo
Analog Devices
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
   Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
logo
Analog Devices
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
   Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
logo
Texas Instruments
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com